Electronic Components Datasheet Search
  English  ▼

X  

SN55113 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN55113
Description  DUAL DIFFERENTIAL LINE DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55113 Datasheet(HTML) 4 Page - Texas Instruments

  SN55113 Datasheet HTML 1Page - Texas Instruments SN55113 Datasheet HTML 2Page - Texas Instruments SN55113 Datasheet HTML 3Page - Texas Instruments SN55113 Datasheet HTML 4Page - Texas Instruments SN55113 Datasheet HTML 5Page - Texas Instruments SN55113 Datasheet HTML 6Page - Texas Instruments SN55113 Datasheet HTML 7Page - Texas Instruments SN55113 Datasheet HTML 8Page - Texas Instruments SN55113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN55113, SN75113
DUAL DIFFERENTIAL LINE DRIVERS
SLLS070C – SEPTEMBER 1973 – REVISED MARCH 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN55113
SN75113
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
High-level output current, IOH
– 40
– 40
mA
Low-level output current, IOL
40
40
mA
Operating free-air temperature, TA
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN55113
SN75113
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = – 12 mA
– 0.9
– 1.5
– 0.9
– 1.5
V
VOH
High-level output
VCC = MIN,
VIH = 2 V,
IOH = –10 mA
2.4
3.4
2.4
3.4
V
VOH
g
voltage
CC
,
VIL = 0.8 V
IH
,
IOH = – 40 mA
2
3.0
2
3.0
V
VOL
Low-level output
VCC = MIN,
VIH = 2 V,
VIL = 0.8 V,
023
04
023
04
V
VOL
voltage
CC
,
IOL = 40 mA
IH
,
VIL 0.8 V,
0.23
0.4
0.23
0.4
V
VOK
Output clamp voltage
VCC = MAX,
IO = – 40 mA
–1.1
–1.5
–1.1
–1.5
V
VOH =12V
TA = 25°C
1
10
IO( ff)
Off-state
open collector output
VCC = MAX
VOH = 12 V
TA = 125°C
200
µA
IO(off) open-collector output
current
VCC = MAX
VOH = 5 25 V
TA = 25°C
1
10
µA
current
VOH = 5.25 V
TA = 70°C
20
TA = 25°C,
VO = 0 to VCC
±10
±10
Off-state
VCC = MAX,
Ot
t
VO = 0
– 150
–20
IOZ
Off state
(high-impedance-state)
Output
controls at
TA = MAX
VO = 0.4 V
±80
±20
µA
output current
controls at
0.8 V
TA = MAX
VO = 2.4 V
±80
±20
VO = VCC
80
20
II
Input current
at maximum
A, B, C
VCC = MAX
VI =5 5V
1
1
mA
II
at maximum
input voltage
CC
VCC = MAX,
VI = 5.5 V
2
2
mA
IIH
High-level
A, B, C
VCC = MAX
VI =2 4V
40
40
µA
IIH
g
input current
CC
VCC = MAX,
VI = 2.4 V
80
80
µA
IIL
Low-level
A, B, C
VCC = MAX
VI =0 4V
– 1.6
– 1.6
mA
IIL
input current
CC
VCC = MAX,
VI = 0.4 V
– 3.2
– 3.2
mA
IOS
Short-circuit
VCC = MAX
VO =0
TA =25°C
40
90
120
40
90
120
mA
IOS
output current§
VCC = MAX,
VO = 0,
TA = 25°C
– 40
– 90
– 120
– 40
– 90
– 120
mA
ICC
Supply current
All inputs at 0 V, No load,
VCC = MAX
47
65
47
65
mA
ICC
y
(both drivers)
TA = 25°C
VCC = 7 V
65
85
65
85
mA
† All parameters with the exception of off-state open-collector output current are measured with the active pullup connected to the sink output. For
conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at TA = 25°C and VCC = 5 V, with the exception of VCC at 7 V.
§ Only one output should be shorted at a time, and duration of the short-circuit should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com