Electronic Components Datasheet Search
  English  ▼

X  

SN55115 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN55115
Description  DUAL DIFFERENTIAL RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55115 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN55115 Datasheet HTML 2Page - Texas Instruments SN55115 Datasheet HTML 3Page - Texas Instruments SN55115 Datasheet HTML 4Page - Texas Instruments SN55115 Datasheet HTML 5Page - Texas Instruments SN55115 Datasheet HTML 6Page - Texas Instruments SN55115 Datasheet HTML 7Page - Texas Instruments SN55115 Datasheet HTML 8Page - Texas Instruments SN55115 Datasheet HTML 9Page - Texas Instruments SN55115 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, CL = 30 pF, TA = 25°C
PARAMETER
TEST CONDITIONS
SN55115
SN75115
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time,
low-to-high level output
RL = 3.9 kΩ, See Figure 1
18
50
18
75
ns
tPHL
Propagation delay time,
high-to-low level output
RL = 390 Ω,
See Figure 1
20
50
20
75
ns
PARAMETER MEASUREMENT INFORMATION
STRB
90%
0 V
0 V
10%
90%
≤ 5 ns
≤ 5 ns
tPHL
1.5 V
VOL
VOH
–3 V
3 V
Output
Differential
Input
tPLH
1.5 V
VO
RL
5 V
YP
YS
CL = 30 pF
(see Note B)
Response
Time Control
Open
2.4 V
Open
RT
B
A
Input
Pulse
Generator
(see Note A)
10%
TEST CIRCUIT
VOLTAGE WAVEFORM
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, PRR ≤ 500 kHz, tw ≤ 100 ns, duty cycle = 50%.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com