Electronic Components Datasheet Search
  English  ▼

X  

SN55115 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN55115
Description  DUAL DIFFERENTIAL RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55115 Datasheet(HTML) 3 Page - Texas Instruments

  SN55115 Datasheet HTML 1Page - Texas Instruments SN55115 Datasheet HTML 2Page - Texas Instruments SN55115 Datasheet HTML 3Page - Texas Instruments SN55115 Datasheet HTML 4Page - Texas Instruments SN55115 Datasheet HTML 5Page - Texas Instruments SN55115 Datasheet HTML 6Page - Texas Instruments SN55115 Datasheet HTML 7Page - Texas Instruments SN55115 Datasheet HTML 8Page - Texas Instruments SN55115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN55115, SN75115
DUAL DIFFERENTIAL RECEIVERS
SLLS072D – SEPTEMBER 1973 – REVISED MAY 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic (each receiver)
YS
Sink
1.64 k
130
Input 7.9
V
V
V
V
150
2.5 k
Common to
Both Receivers
A
8 k
7 k
1 pF
1.5 k
1.64 k
B
Input 5.11
130
150
150
8 k
7 k
1 pF
1 k
1 k
2.6 k
500
2.6 k
500
150
1.5 k
3 k
5 k
20
2 k
RT
6,10
Strobe
3,13
Response
Time
Control
4,12
2.7 k
16
VCC
2,14 Pullup
YP
1,15
Output
8
GND
Resistor values are nominal and in ohms.
Pin numbers shown are for the J, N, and W packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage VI (A, B, and RT)
±25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage VI (STRB)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Off-state voltage applied to open-collector outputs
14 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 60 seconds: FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J or W package
300
°C
. . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values, except differential input voltage, are with respect to network ground terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com