Electronic Components Datasheet Search
  English  ▼

X  

SN55116 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN55116
Description  DIFFERENTIAL LINE TRANSCEIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55116 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN55116 Datasheet HTML 2Page - Texas Instruments SN55116 Datasheet HTML 3Page - Texas Instruments SN55116 Datasheet HTML 4Page - Texas Instruments SN55116 Datasheet HTML 5Page - Texas Instruments SN55116 Datasheet HTML 6Page - Texas Instruments SN55116 Datasheet HTML 7Page - Texas Instruments SN55116 Datasheet HTML 8Page - Texas Instruments SN55116 Datasheet HTML 9Page - Texas Instruments SN55116 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
electrical characteristics over recommended operating free-air temperature range (unless otherwise noted)
driver section
PARAMETER
TEST CONDITIONS†
’116, SN75118
SN75117, SN75119
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = – 12 mA
– 0.9
– 1.5
– 0.9
– 1.5
V
V
MIN
TA = 25°C (SN55116),
TA = 0°C to 70°C
IOH = – 10 mA
2.4
3.4
2.4
3.4
VOH
High-level output voltage
VCC = MIN,
VIL = 0.8 V,
IIH =2V
A
(SN75116, SN75117,
SN75118, SN75119)
IOH = – 40 mA
2
3
2
3
V
IIH = 2 V
TA = – 55°C to 125°C
IOH = – 10 mA
2
2
A
(SN55116)
IOH = – 40 mA
1.8
1.8
VOL
Low-level output voltage
VCC = MIN,
VIH = 2 V,
VIL = 0.8 V, IOL = 40 mA
0.4
0.4
V
VOK
Output clamp voltage
VCC = MAX,
IO = – 40 mA,
DE at 0.8 V
– 1.5
– 1.5
V
TA = 25°C
1
10
IO(off) Off-state open-collector output current
VCC = MAX,
V12 V
SN55116
200
µA
IO(off) Off-state o en-collector out ut current
VO = 12 V
TA = MAX
SN75116,
SN75118
20
µA
VCC = MAX,
VO = 0 to VCC, DE at 0.8 V, TA = 25°C
±10
Off state (high impedance state)
VCC = MAX
VO = 0
SN55116
– 300
IOZ
Off-state (high-impedance-state)
output current
VCC = MAX,
DE at 0.8 V,
VO = 0.4 V to VCC
SN55116
±150
µA
DE at 0.8 V,
TA = MAX
VO = 0 to VCC
SN75116,
SN75118
±20
II
Input current at maximum
VCC = MAX
VI =5 5V
1
1
mA
II
input voltage
Driver or
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
High-level input current
enable input
VCC = MAX,
VI = 2.4 V
40
40
µA
IIL
Low-level input current
VCC = MAX,
VI = 0.4 V
– 1.6
– 1.6
mA
IOS
Short-circuit output current§
VCC = MAX,
VO = 0,
TA = 25°C
–40
– 120
–40
– 120
mA
ICC
Supply current (driver and receiver
VCC = MAX
TA =25°C
42
60
42
60
mA
ICC
y(
combined)
VCC = MAX,
TA = 25°C
42
60
42
60
mA
† All parameters with the exception of off-state open-collector output current are measured with the active pullup connected to the sink output. For conditions shown as MIN or MAX,
use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V and TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com