Electronic Components Datasheet Search
  English  ▼

X  

SN55116 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN55116
Description  DIFFERENTIAL LINE TRANSCEIVERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55116 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN55116 Datasheet HTML 7Page - Texas Instruments SN55116 Datasheet HTML 8Page - Texas Instruments SN55116 Datasheet HTML 9Page - Texas Instruments SN55116 Datasheet HTML 10Page - Texas Instruments SN55116 Datasheet HTML 11Page - Texas Instruments SN55116 Datasheet HTML 12Page - Texas Instruments SN55116 Datasheet HTML 13Page - Texas Instruments SN55116 Datasheet HTML 14Page - Texas Instruments SN55116 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SN55116, SN75116, SN75117, SN75118, SN75119
DIFFERENTIAL LINE TRANSCEIVERS
SLLS073D – MAY 1976 – REVISED MAY 1998
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 9
RECEIVER
PROPAGATION-DELAY TIME
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
tPLH
tPHL
20
10
5
0
25
15
30
–75
0
25
50
75
100
125
VCC = 5 V
RL = 400 Ω
See Figure 16
–50
– 25
Figure 10
20
10
5
0
25
15
30
–75
0
25
50
75
100
125
TA – Free-Air Temperature – °C
tPLZ
tPZH
tPHZ
tPZL
RECEIVER
OUTPUT-ENABLE AND DISABLE TIME
vs
FREE-AIR TEMPERATURE
See Note A
VCC = 5 V
–50
– 25
NOTE A: For tPZH and tPHZ :RL= 480 Ω, see Figure 14. For tPZL
and tPLZ: RL = 250 Ω, see Figure 15.
Figure 11
40
20
10
0
01
2
3
4
5
60
70
80
67
8
50
30
VCC – Supply Voltage – V
DRIVER AND RECEIVER
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
No Load
TA = 25°C
Figure 12
DRIVER AND RECEIVER
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC = 5 V
25
20
10
5
0
45
15
35
30
40
50
–75
0
25
50
75
100
125
–50
– 25
† Operation of the device at these or any other conditions beyond those indicated under ‘‘recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com