Electronic Components Datasheet Search
  English  ▼

X  

SN65173N Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65173N
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65173N Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65173N Datasheet HTML 2Page - Texas Instruments SN65173N Datasheet HTML 3Page - Texas Instruments SN65173N Datasheet HTML 4Page - Texas Instruments SN65173N Datasheet HTML 5Page - Texas Instruments SN65173N Datasheet HTML 6Page - Texas Instruments SN65173N Datasheet HTML 7Page - Texas Instruments SN65173N Datasheet HTML 8Page - Texas Instruments SN65173N Datasheet HTML 9Page - Texas Instruments SN65173N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOL
VOH
– 1.5 V
1.5 V
Output
Input
1.3 V
1.3 V
tPHL
tPLH
0 V
0 V
2 V
Generator
(see Note B)
Output
CL = 15 pF
(see Note A)
50
Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
[2.5 V]†
[– 2.5 V]†
† Voltage for the SN55173 only.
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle = 50%, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
Figure 1. tPLH, tPHL Test Circuit and Voltage Waveforms
(see Note D)
≈0 V
S1 Open
S1 Closed
1.3 V
1.3 V
tPHZ
tPZH
0.5 V
(see Note C)
VCC
2 k
Ω
S1
5 k
Ω
1.5 V
CL
(see Note A)
Output
Generator
(see Note B)
2 V
Input
Output
3 V
0 V
VOH
≈1.4 V
50
Ω
TEST CIRCUIT
VOLTAGE WAVEFORMS
[2.5 V]†
1.3 V
† Voltage for the SN55173 only.
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle = 50%, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
C. All diodes are 1N916, or equivalent.
D. To test the active-low enable G, ground G and apply an inverted input waveform to G.
Figure 2. tPHZ, tPZH Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com