Electronic Components Datasheet Search
  English  ▼

X  

SN65173N Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65173N
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65173N Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65173N Datasheet HTML 3Page - Texas Instruments SN65173N Datasheet HTML 4Page - Texas Instruments SN65173N Datasheet HTML 5Page - Texas Instruments SN65173N Datasheet HTML 6Page - Texas Instruments SN65173N Datasheet HTML 7Page - Texas Instruments SN65173N Datasheet HTML 8Page - Texas Instruments SN65173N Datasheet HTML 9Page - Texas Instruments SN65173N Datasheet HTML 10Page - Texas Instruments SN65173N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SN55173, SN65173, SN75173
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SLLS144E – OCTOBER 1980 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
3
2
1
0
0
0.5
1
4
5
OUTPUT VOLTAGE
vs
ENABLE G VOLTAGE
6
1.5
2
2.5
3
VID = – 0.2 V
Load = 1 k
Ω to VCC
TA = 25°C
VCC = 5.5 V
VCC = 4.5 V
VI – Enable G Voltage – V
VCC = 5 V
Figure 11
0
–0.25
–0.75
–1
–8
–6
–4 –2
0
4
6
0.25
0.75
INPUT CURRENT
vs
INPUT VOLTAGE
1
812
–0.5
0.5
VI – Input Voltage – V
VCC = 5 V
TA = 25°C
The Unshaded Area
Conforms to
Figure 3.2 of
TIA/EIA-485-A
210
APPLICATION INFORMATION
1/4 SN75172
1/4 SN75173
1/4 SN75172
1/4 SN75173
1/4 SN75174
1/4 SN75173
1/4 SN75175
1/4 SN75174
Up to 32
Driver/Receiver
Pairs
NOTE A: The line should be terminated at both ends in its characteristic impedance. Stub lengths off the main line should be kept as short as
possible.
Figure 12. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com