Electronic Components Datasheet Search
  English  ▼

X  

SN75461D Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75461D
Description  DUAL PERIPHERAL DRIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75461D Datasheet(HTML) 2 Page - Texas Instruments

  SN75461D Datasheet HTML 1Page - Texas Instruments SN75461D Datasheet HTML 2Page - Texas Instruments SN75461D Datasheet HTML 3Page - Texas Instruments SN75461D Datasheet HTML 4Page - Texas Instruments SN75461D Datasheet HTML 5Page - Texas Instruments SN75461D Datasheet HTML 6Page - Texas Instruments SN75461D Datasheet HTML 7Page - Texas Instruments SN75461D Datasheet HTML 8Page - Texas Instruments SN75461D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN55461 THRU SN55463
SN75461 THRU SN75463
DUAL PERIPHERAL DRIVERS
SLRS022A – DECEMBER 1976 – REVISED OCTOBER 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
SN55’
SN75’
UNIT
Supply voltage, VCC (see Note 1)
7
7
V
Input voltage, VI
5.5
5.5
V
Intermitter voltage (see Note 2)
5.5
5.5
V
Off-state output voltage, VO
35
35
V
Continuous collector or output current (see Note 3)
400
400
mA
Peak collector or output current (t
≤ 10 ms duty cycle ≤ 50% see Note 4)
500
500
mA
Peak collector or output current (tw ≤ 10 ms, duty cycle ≤ 50%, see Note 4)
500
500
mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
– 55 to 125
0 to 70
°C
Storage temperature range, Tstg
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds, TC
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
JG package
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or P package
260
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network GND unless otherwise specified.
2. This is the voltage between two emitters A and B.
3. This value applies when the base-emitter resistance (RBE) is equal to or less than 500 Ω.
4. Both halves of these dual circuits may conduct rated current simultaneously; however, power dissipation averaged over a short time
interval must fall within the continuous dissipation rating.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 125°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
–
FK
1375 mW
11.0 mW/
°C
880 mW
275 mW
JG
1050 mW
8.4 mW/
°C
672 mW
210 mW
P
1000 mW
8.0 mW/
°C
640 mW
–
recommended operating conditions
SN55’
SN75’
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
4.75
5
5.25
V
High-level input voltage, VIH
2
2
V
Low-level input voltage, VIL
0.8
0.8
V
Operating free-air temperature, TA
–55
125
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com