Electronic Components Datasheet Search
  English  ▼

X  

SN75461D Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75461D
Description  DUAL PERIPHERAL DRIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75461D Datasheet(HTML) 3 Page - Texas Instruments

  SN75461D Datasheet HTML 1Page - Texas Instruments SN75461D Datasheet HTML 2Page - Texas Instruments SN75461D Datasheet HTML 3Page - Texas Instruments SN75461D Datasheet HTML 4Page - Texas Instruments SN75461D Datasheet HTML 5Page - Texas Instruments SN75461D Datasheet HTML 6Page - Texas Instruments SN75461D Datasheet HTML 7Page - Texas Instruments SN75461D Datasheet HTML 8Page - Texas Instruments SN75461D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
VCC
A
GND
Y
500
Ω
1 k
Ω
B
4 k
Ω
1.6 k
Ω
130
Ω
schematic (each driver)
Resistor values shown are nominal.
SN55461 THRU SN55463
SN75461 THRU SN75463
DUAL PERIPHERAL DRIVERS
SLRS022A – DECEMBER 1976 – REVISED OCTOBER 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
logic diagram (positive logic)
2B
2A
1B
1A
4
5
3
2Y
1Y
7
6
2
1
&
5
3
2B
2A
1B
1A
2Y
1Y
7
6
2
1
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for D, JG, and P packages.
GND
FUNCTION TABLE
(each driver)
A
B
Y
L
L
L (on state)
L
H
L (on state)
H
L
L (on state)
H
H
H (off state)
positive logic:
Y = AB or A + B
electrical characteristics over recommended operating free-air temperature range
PARAMETER
TEST CONDITIONS†
SN55461
SN75461
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = – 12 mA
– 1.2
– 1.5
– 1.2
– 1.5
V
IOH
High level output current
VCC = MIN,
VIH = MIN,
300
100
µA
IOH
High-level output current
CC
,
VOH = 35 V
IH
,
300
100
µA
VCC = MIN,
VIL = 0.8 V,
025
05
025
04
VOL
Low level output voltage
CC
,
IL
,
IOL = 100 mA
0.25
0.5
0.25
0.4
V
VOL
Low-level output voltage
VCC = MIN,
VIL = 0.8 V,
05
08
05
07
V
CC
,
IL
,
IOL = 300 mA
0.5
0.8
0.5
0.7
II
Input current at maximum input voltage
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
High-level input current
VCC = MAX,
VI = 2.4 V
40
40
µA
IIL
Low-level input current
VCC = MAX,
VI = 0.4 V
–1
– 1.6
–1
– 1.6
mA
ICCH
Supply current, outputs high
VCC = MAX,
VI = 5 V
8
11
8
11
mA
ICCL
Supply current, outputs low
VCC = MAX,
VI = 0
56
76
56
76
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
30
55
tPHL
Propagation delay time, high-to-low-level output
IO ≈ 200 mA,
CL = 15 pF,
25
40
ns
tTLH
Transition time, low-to-high-level output
O
,
RL = 50 Ω,
L
,
See Figure 1
8
20
ns
tTHL
Transition time, high-to-low-level output
10
20
VOH
High level output voltage after switching
SN55461
VS = 30 V,
IO ≈ 300 mA,
VS –10
mV
VOH
High-level output voltage after switching
SN75461
S
See Figure 2
O
VS –10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com