Electronic Components Datasheet Search
  English  ▼

X  

EMA205B Datasheet(PDF) 3 Page - Excelics Semiconductor, Inc.

Part # EMA205B
Description  9-16 GHz Medium Power MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMA205B Datasheet(HTML) 3 Page - Excelics Semiconductor, Inc.

  EMA205B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 3Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMA205B
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 3 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2004
ASSEMBLY DRAWING
50pF
50 ohm line on Alumina
RF OUTPUT
RF INPUT
50 ohm line on Alumina
50pF
50pF
0.1uF
VGG
VDD
0.1uF
BOND
PAD
Cap.
MIM
The length of RF wires should be as short as possible. Use at least two wires between RF pad and 50 ohm line and separate
the wires to minimize the mutual inductance.
CAUTION
: Bonding tip and wires MUST stay within pad dimensions as illustrated in CHIP OUTLINE below.
Violation may cause damages on components in chip (especially damaging output MIM capacitor as
shown on above zoom-in graph).
CHIP OUTLINE (dimensions in microns)
0
620
1060
330
100
(RF IN)
(RF OUT)
330
68
105
Chip Size 1060 x 2000 microns
Chip Thickness: 75
± 13 microns
PAD Dimensions: 1. DC 100 x 100 microns
2. RF
80 x 68 microns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com