Electronic Components Datasheet Search
  English  ▼

X  

EMA205B Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EMA205B
Description  9-16 GHz Medium Power MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMA205B Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EMA205B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 3Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMA205B
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2004
9-16 GHz Medium Power MMIC
FEATURES
•
9-16 GHz BANDWIDTH
•
+18.0 dBm TYPICAL OUTPUT POWER
•
14 dB
± 1.5 dB TYPICAL POWER GAIN
•
TWO SECTION, DISTRIBUTED AMPLIFIER
•
DUAL BIAS SUPPLY
•
0.3 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES EXTRA HIGH POWER
EFFICIENCY, AND HIGH RELIABILITY
APPLICATIONS
•
Analog and Digital Wireless Systems
•
Military Applications
•
C-Band Terrestrial Radio
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
9
16
GHz
P1dB
Ouput Power at 1dB Gain Compression @ Vdd=6V 50%
Idss
16.5
18.0
dBm
Gss
Small Signal Gain
12
14
dB
∆Gss
Small Signal Gain Flatness
± 1.5
± 2.0
dB
NF
Noise Figure
4
dB
Input RL
Input Return Loss
9
dB
Output RL
Output Return Loss
7
dB
Idd
Power Supply Current
160
mA
Vdd
Power Supply Voltage
5
8
V
Notes:
1.
Tested with 100 Ohm gate resistor.
2.
S.C.L. = Single Carrier Level.
3.
Overall Rth depends on case mounting.
Chip Size 1060 x 2000 microns
Chip Thickness: 75
± 13 microns
All Dimensions In Microns


Similar Part No. - EMA205B

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMA20N03A EXCELLIANCE-EMA20N03A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMA205B

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022P2-00 ALPHA-AA022P2-00 Datasheet
126Kb / 2P
21-23 GHz GaAs MMIC Medium Power Amplifier
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
UPC1678 NEC-UPC1678 Datasheet
126Kb / 6P
2 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
logo
Excelics Semiconductor,...
EMA303D-2 EXCELICS-EMA303D-2 Datasheet
155Kb / 4P
19.5 - 24 GHz Medium Power MMIC
logo
Hittite Microwave Corpo...
HMC-APH596 HITTITE-HMC-APH596 Datasheet
214Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 16 - 33 GHz
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
logo
United Monolithic Semic...
CHA5266-QDG UMS-CHA5266-QDG_15 Datasheet
428Kb / 14P
10-16 GHz Medium Power Amplifier
CHA5266-99F UMS-CHA5266-99F Datasheet
303Kb / 12P
10-16 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com