Electronic Components Datasheet Search
  English  ▼

X  

8EWS08S Datasheet(PDF) 2 Page - International Rectifier

Part # 8EWS08S
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS08S Datasheet(HTML) 2 Page - International Rectifier

  8EWS08S Datasheet HTML 1Page - International Rectifier 8EWS08S Datasheet HTML 2Page - International Rectifier 8EWS08S Datasheet HTML 3Page - International Rectifier 8EWS08S Datasheet HTML 4Page - International Rectifier 8EWS08S Datasheet HTML 5Page - International Rectifier 8EWS08S Datasheet HTML 6Page - International Rectifier 8EWS08S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
8EWS..S SAFE
IR Series
Bulletin I2108 rev. G 08/00
Voltage Ratings
T
J
Max.JunctionTemperatureRange
-55to150
°C
T
stg
Max.StorageTemperatureRange
-55to150
°C
SolderingTemperature
240
°C
for10seconds(1.6mmfromcase)
R
thJC Max.ThermalResistanceJunction
3
°C/W
DCoperation
toCase
R
thJA Typ.ThermalResistanceJunction
50
°C/W
toAmbient(PCBMount)**
wt
ApproximateWeight
1(0.03)
g(oz.)
T
CaseStyle
TO-252AA(D-PAK)
Thermal-Mechanical Specifications
Parameters
8EWS..S
Units
Conditions
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note #AN-994
Part Number
V
RRM, maximum
V
RSM , maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
8EWS08S
800
900
8EWS10S
1000
1100
0.5
8EWS12S
1200
1300
I
F(AV) Max.AverageForwardCurrent
8
A
@T
C = 95° C, 180° conduction half sine wave
I
FSM
Max.PeakOneCycleNon-Repetitive
170
10msSinepulse,ratedVRRMapplied
SurgeCurrent
200
10msSinepulse,novoltagereapplied
I2t
Max. I2t for fusing
144
10msSinepulse,ratedV
RRMapplied
204
10msSinepulse,novoltagereapplied
I2
√t Max. I2√t for fusing
2040
A2
√s
t=0.1to10ms,novoltagereapplied
Absolute Maximum Ratings
Parameters
8EWS..S
Units
Conditions
A
A2s
V
FM
Max. Forward Voltage Drop
1.1
V
@ 8A, T
J =
25°C
r
t
Forward slope resistance
21.8
m
Ω
VF(TO) Threshold voltage
0.81
V
I
RM
Max. Reverse Leakage Current
0.05
T
J =
25 °C
0.50
TJ = 150 °C
Electrical Specifications
Parameters
8EWS..S
Units
Conditions
T
J = 150°C
V
R = rated VRRM
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com