Electronic Components Datasheet Search
  English  ▼

X  

8EWS08S Datasheet(PDF) 5 Page - International Rectifier

Part # 8EWS08S
Description  SURFACE MOUNTABLE INPUT RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8EWS08S Datasheet(HTML) 5 Page - International Rectifier

  8EWS08S Datasheet HTML 1Page - International Rectifier 8EWS08S Datasheet HTML 2Page - International Rectifier 8EWS08S Datasheet HTML 3Page - International Rectifier 8EWS08S Datasheet HTML 4Page - International Rectifier 8EWS08S Datasheet HTML 5Page - International Rectifier 8EWS08S Datasheet HTML 6Page - International Rectifier 8EWS08S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
8EWS..S SAFE
IR Series
Bulletin I2108 rev. G 08/00
Outline Table
Dimensionsinmillimetersand(inches)
8
E
W
S
12
S TRL
Device Code
1
5
2
4
3
6
7
1
-
Current Rating
2
-
Circuit Configuration
E = Single Diode
3
-
Package
W = D-PAK
4
-
Type of Silicon
S = Standard Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
6
-
S = Surface Mountable
7
-
Tape and Reel Option
TRL = Left Reel
TRR = Right Orientation Reel
Ordering Information Table
08 = 800V
10 = 1000V
12 = 1200V
BASE
CATHODE
CATHODE ANODE
ANODE
4
12
3
6.73 (0.26)
6.35 (0.25)
5.46 (0.21)
5.21 (0.20)
4
1.27 (0.05)
0.88 (0.03)
5.97 (0.23)
1 - Anode
2 - Cathode
3 - Gate
4 - Anode
1.64 (0.02)
1.52 (0.06)
1.15 (0.04)
1.14 (0.04)
0.76 (0.03)
2x
2.28 (0.09)
2x
0.89 (0.03)
0.64 (0.02)
3x
4.57 (0.18)
12
3
6.22 (0.24)
2.38 (0.09)
2.19 (0.08)
6.45 (0.24)
5.68 (0.22)
10.42 (0.41)
9.40 (0.37)
0.46 (0.02)
0.58 (0.02)
1.14 (0.04)
0.89 (0.03)
0.51 (0.02)
MIN.
0.58 (0.02)
0.46 (0.02)
MINIMUM RECOMMENDED FOOTPRINT
5.97 (0.24)
10.67 (0.42)
1.65 (0.06)
6.48 (0.26)
2x
2.54 (0.10)
2x
2.28 (0.09)
2x
(*)
for higher voltage up to 1600V contact factory



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com