Electronic Components Datasheet Search
  English  ▼

X  

EPA018B Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EPA018B
Description  High Efficiency Heterojunction Power FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA018B Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EPA018B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA018B Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPA018B Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EPA018B
ISSUED 11/01/2007
High Efficiency Heterojunction Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2007
S-PARAMETERS
6V, ½ IDSS
2V, 15mA
- S11 -
- S21 -
- S12 -
- S22 -
- S11 -
- S21 -
- S12 -
- S22 -
FREQ
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
FREQ
(GHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1.0
0.980
-13.0
4.681 169.2 0.010
77.2
0.837
-3.5
1.0
1.000
-11.0
5.013 170.5 0.017
79.9
0.631
-6.1
2.0
0.969
-25.7
4.581 160.2 0.020
71.8
0.830
-7.2
2.0
0.990
-21.5
4.947 162.8 0.032
73.8
0.622
-12.6
3.0
0.953
-38.3
4.476 151.2 0.030
67.3
0.819
-10.8
3.0
0.976
-32.1
4.862 154.8 0.047
69.2
0.609
-19.0
4.0
0.933
-50.7
4.339 142.0 0.037
61.9
0.803
-14.8
4.0
0.962
-42.6
4.759 146.8 0.061
62.5
0.590
-25.7
5.0
0.908
-63.2
4.206 132.9 0.044
54.3
0.783
-18.9
5.0
0.941
-53.4
4.643 138.3 0.073
56.0
0.558
-33.1
6.0
0.888
-74.6
4.017 124.3 0.050
48.5
0.765
-22.7
6.0
0.922
-63.6
4.479 130.6 0.084
49.9
0.535
-39.9
7.0
0.868
-84.9
3.825 116.2 0.054
42.9
0.748
-26.8
7.0
0.905
-73.1
4.298 123.1 0.094
43.9
0.511
-46.9
8.0
0.850
-94.8
3.635 108.5 0.058
37.9
0.734
-30.6
8.0
0.883
-82.0
4.112 116.0 0.103
38.2
0.490
-53.5
9.0
0.833 -103.7 3.440 101.2 0.061
32.3
0.720
-34.4
9.0
0.864
-90.4
3.938 109.3 0.108
32.9
0.469
-60.0
10.0
0.815 -111.8 3.260
94.4
0.062
28.2
0.708
-37.7
10.0
0.846
-97.9
3.753 103.1 0.114
27.6
0.450
-65.4
11.0
0.807 -119.7 3.108
87.9
0.065
23.9
0.700
-41.1
11.0
0.829 -105.3 3.615
97.0
0.120
23.1
0.436
-70.8
12.0
0.793 -127.2 2.963
81.8
0.066
20.3
0.691
-43.8
12.0
0.819 -112.4 3.472
91.3
0.124
18.8
0.422
-75.4
13.0
0.785 -135.1 2.852
75.6
0.067
16.4
0.683
-46.4
13.0
0.804 -120.0 3.360
85.4
0.130
14.1
0.400
-80.2
14.0
0.775 -143.2 2.749
69.6
0.069
12.9
0.676
-48.4
14.0
0.792 -128.0 3.274
79.7
0.134
9.6
0.379
-84.5
15.0
0.768 -151.8 2.663
63.4
0.070
9.5
0.664
-50.6
15.0
0.784 -136.3 3.181
74.0
0.139
5.0
0.357
-89.3
16.0
0.763 -161.0 2.585
57.1
0.071
6.7
0.655
-52.6
16.0
0.777 -145.0 3.116
67.7
0.144
0.6
0.330
-95.2
17.0
0.762 -170.3 2.515
50.6
0.074
3.4
0.641
-54.7
17.0
0.770 -155.2 3.019
61.0
0.148
-4.3
0.297 -102.0
18.0
0.757 180.0 2.423
44.1
0.076
0.2
0.626
-56.7
18.0
0.773 -165.3 2.932
54.4
0.153
-9.5
0.260 -111.1
19.0
0.765 170.4 2.341
37.4
0.079
-2.4
0.604
-59.5
19.0
0.770 -175.2 2.813
47.7
0.155
-14.3
0.226 -121.2
20.0
0.767 162.2 2.254
30.8
0.081
-6.3
0.587
-63.0
20.0
0.771 175.3 2.696
41.0
0.156
-18.8
0.201 -135.4
21.0
0.780 155.3 2.138
24.4
0.080
-8.7
0.563
-69.3
21.0
0.780 169.2 2.466
35.3
0.150
-22.9
0.204 -156.1
22.0
0.791 148.7 2.031
18.3
0.081
-12.2
0.547
-74.8
22.0
0.777 163.2 2.327
30.2
0.149
-26.0
0.209 -168.6
23.0
0.795 143.4 1.918
12.1
0.080
-14.7
0.541
-81.1
23.0
0.793 157.9 2.206
25.0
0.147
-29.1
0.225 -177.7
24.0
0.804 138.9 1.824
6.4
0.079
-15.9
0.543
-87.9
24.0
0.789 154.9 2.096
20.6
0.145
-31.6
0.240 176.0
25.0
0.811 136.3 1.743
1.5
0.078
-16.3
0.553
-94.0
25.0
0.796 151.5 2.025
16.6
0.144
-34.3
0.260 172.7
26.0
0.807 134.9 1.676
-3.1
0.077
-17.8
0.564 -100.7
26.0
0.804 149.6 1.928
12.1
0.145
-36.0
0.272 169.4
27.0
0.817 133.7 1.603
-7.8
0.076
-17.2
0.580 -106.7
27.0
0.786 147.6 1.868
8.6
0.142
-37.7
0.282 168.5
28.0
0.816 131.8 1.544
-12.8
0.078
-16.7
0.592 -113.0
28.0
0.788 146.0 1.811
5.0
0.143
-39.3
0.287 166.7
29.0
0.806 130.5 1.520
-17.2
0.078
-16.7
0.611 -117.6
29.0
0.779 144.4 1.790
1.1
0.143
-41.4
0.293 164.7
30.0
0.804 128.8 1.494
-22.0
0.079
-17.3
0.618 -123.0
30.0
0.777 140.9 1.758
-3.4
0.145
-44.5
0.294 162.2
31.0
0.797 125.3 1.461
-27.2
0.081
-20.4
0.622 -127.6
31.0
0.769 137.1 1.723
-7.6
0.145
-46.8
0.292 157.2
32.0
0.795 121.1 1.435
-32.1
0.081
-20.9
0.615 -133.0
32.0
0.770 131.7 1.683
-12.6
0.145
-51.5
0.290 151.7
33.0
0.785 115.8 1.388
-38.3
0.080
-25.9
0.609 -138.5
33.0
0.758 126.2 1.606
-17.8
0.142
-55.4
0.287 143.1
34.0
0.787 110.2 1.351
-44.9
0.077
-27.8
0.592 -145.1
34.0
0.764 120.0 1.541
-22.6
0.140
-61.1
0.293 134.7
35.0
0.813 103.3 1.322
-51.4
0.077
-29.9
0.585 -152.5
35.0
0.777 114.3 1.497
-27.1
0.136
-64.6
0.311 122.2
36.0
0.830
97.4
1.263
-58.0
0.078
-34.9
0.578 -160.7
36.0
0.799 107.4 1.414
-31.6
0.134
-70.1
0.345 114.2
37.0
0.865
88.9
1.218
-65.3
0.076
-38.4
0.587 -170.1
37.0
0.824 101.9 1.339
-37.1
0.134
-75.6
0.384 104.6
38.0
0.886
84.5
1.144
-72.1
0.079
-43.6
0.599 -178.7
38.0
0.856
97.2
1.277
-41.9
0.130
-82.7
0.431
98.0
39.0
0.897
78.4
1.064
-79.8
0.079
-51.9
0.625 172.4
39.0
0.877
92.4
1.196
-47.5
0.126
-87.6
0.478
93.3
40.0
0.905
74.8
0.975
-86.4
0.078
-60.4
0.651 165.4
40.0
0.884
89.0
1.100
-52.6
0.123
-92.6
0.517
91.0
Note: The data included 0.7 mils diameter Au bonding wires: 1 gate wire, 15 mils each; 1 drain wire, 20 mils each; 6 source wires, 8 mils each.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com