Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBV Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LVDS2DBV
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS2DBV Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDS2DBV Datasheet HTML 1Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 2Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 3Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 4Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 5Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN65LVDS2
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SLLS406 – DECEMBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds ANSI TIA/EIA-644
Standard
D Designed for Signaling Rates up to
400 Mbps
D Operates From a 2.4-V to 3.6-V Supply
D Available in the SOT-23 Package
D Differential Input Voltage Threshold Less
Than 100 mV
D Propagation Delay Times, 2.5 ns Typical
D Power Dissipation at 200 MHz Is Typically
60 mW
D Bus-Pin ESD Protection Exceeds 15 kV
D Open-Circuit Fail Safe
D Output is High Impedance With VCC < 1.5 V
description
The SN65LVDS2 is a single low-voltage differen-
tial line receiver in a small-outline transistor
package. The inputs comply with the TIA/EIA-644
standard and provide a maximum differential input
threshold of 100 mV over an input common-mode
voltage range of 0 V to 2.4 V.
When
used
with
a
low-voltage
differential
signaling (LVDS) driver (such as the SN65LVDS1)
in a point-to-point or multidrop configuration; data
or clocking signals can be transmitted over printed-circuit board traces or cables at very high rates with very
low electromagnetic emissions and power consumption.
The high-speed switching of LVDS signals requires the use of a line impedance matching resistor at the
receiving-end of the cable or transmission media. TI offers you both the SN65LVDS2, which requires this
external resistor, or its companion the SN65LVDT2, which eliminates the need by integrating it with the receiver.
The packaging, low power, low EMI, high ESD tolerance, and wide supply voltage range make these devices
ideal for battery-powered applications.
The SN65LVDS2 is characterized for operation from –40
°C to 85°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
(TOP VIEW)
1
VCC
GND
A
R
B
SN65LVDS2
DBV PACKAGE
logic diagram
INPUTS
OUTPUT
R
H
?
L
Function Table
A
B
3
4
R
5
VID = VA – VB
VID ≥ 100 mV
–100 mV < VID < 100 mV
VID ≤ –100 mV
Open
H
H = high level, L = low level , ? = indeterminate


Similar Part No. - SN65LVDS2DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS2DBV TI-SN65LVDS2DBV Datasheet
282Kb / 18P
HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS2DBV TI-SN65LVDS2DBV Datasheet
522Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS2DBVR TI-SN65LVDS2DBVR Datasheet
282Kb / 18P
HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS2DBVR TI-SN65LVDS2DBVR Datasheet
473Kb / 21P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS2DBVR TI-SN65LVDS2DBVR Datasheet
522Kb / 22P
HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
More results

Similar Description - SN65LVDS2DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
SOTinyTM LVDS High-Speed Differential Line Receiver
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
High speed differential line receiver
Rev. 01-07 January 2004
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDS4 TI1-SN65LVDS4 Datasheet
456Kb / 20P
1.8-V HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDS4 TI1-SN65LVDS4_15 Datasheet
1Mb / 31P
1.8-V High-Speed Differential Line Receiver
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
SOTiny LVDS High-Speed Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com