Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBV Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65LVDS2DBV
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS2DBV Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS2DBV Datasheet HTML 1Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 2Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 3Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 4Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 5Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN65LVDS2
HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SLLS406 – DECEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
|VID|– Differential Input Voltage – V
COMMON-MODE INPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
1
0
0.1
0.3
2
1.5
0.5
0.2
0.4
0.6
2.5
0
0.5
VCC = 2.4 V
MIN
VCC = 2.7 V
VCC = 3.6 V
3
0.8
0.7
Figure 1. VIC vs VID and VCC
electrical characteristics over recommended operating conditions, VCC = 2.4 to 3 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VITH+
Positive-going differential input voltage threshold
See Figure 2 and Table 1
100
mV
VITH–
Negative-going differential input voltage threshold
See Figure 2 and Table 1
–100
mV
VOH
High-level output voltage
IOH = –8 mA
1.9
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.25
0.4
V
ICC
Supply current
No load,
Steady state
4
7
mA
I
Input current (A or B inputs)
VI = 0 V
±20
A
II
Input current (A or B inputs)
VI = 2.4 V or VCC – 0.8
–1.2
µA
IID
Differential input current (IIA – IIB)
VIA = 0 V,
VIB = 0.1 V
VIA = 2.4 V VIB = 2.3 V,
±2
µA
II(OFF)
Power-off input current (A or B inputs)
VCC = 0 V, VI = 2.4 V
±20
µA
† All typical values are at 25
°C and with a 2.7-V supply.
receiver switching characteristics over recommended operating conditions, VCC = 2.4 to 2.7 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.4
2.6
3.6
ns
tPHL
Propagation delay time, high-to-low-level output
C10 F
1.4
2.5
3.6
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)‡
CL = 10 pF,
See Figure 3
0.1
0.6
ns
tr
Output signal rise time
See Figure 3
0.8
1.4
ns
tf
Output signal fall time
0.8
1.4
ns
† All typical values are at 25
°C and with a 2.7-V.
‡ tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com