Electronic Components Datasheet Search
  English  ▼

X  

AI5412 Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # AI5412
Description  Timing Controller for CCD Monochrome Camera
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI5412 Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  AI5412 Datasheet HTML 1Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 2Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 3Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 4Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 5Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 6Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 7Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 8Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Ai5412
Electrical Characteristics
(VDD = 5V¡ ¾
0.25V, Topr = -20 to 75 ¡ É
)
Conditions
Min
Max
Typ
Unit
Item
Symbol
VDD = 5V
normal operating
state
Supply voltage
VDD
4.75
5.0
5.25
V
Input voltage
VIH
0.7VDD
V
VIL
V
Output voltage 1
(All output pins except those below)
VOH1
VDD - 0.8
V
0.4
VOL1
IOH = -2mA
V
IOL = 4mA
Output voltage 2
(Pins 25, 26)
VOH2
VDD - 0.8
V
0.4
VOL2
IOH = -4mA
V
IOL = 8mA
Output voltage 3
(Pin 5, 45)
VOH3
VDD - 0.8
V
0.4
VOL3
IOH = -8mA
IOL = 8mA
Output voltage 4
(Pins 2, 3)
VOH4
VDD - 8
0.4
VOL4
IOH = -12mA
IOL = 12mA
Output voltage 5
(Pin 47)
VOH5
VDD / 2
V
0.4
VOL5
IOH = -1mA
V
IOL = 1mA
V
Feedback resistance
RFB
VIN = VSS or VDD
250K
1M
2.5M
¥ Ø
Pull-up current
IPU
VIL = 0V
-80
-30
Pull-down current
IPD
VIH = VDD
40
110
Current consumption
IDD
28
1) DC Characteristics
2) AC Characteristics
ts0
ts1
tw0
ts2
th2
Symbol
Min.
Max.
ts2
SPDNV (ED2) setup time for IRIN (ED1) rise
20ns
-
th2
SPDNV (ED2) hold time for IRIN (ED1) rise
20ns
-
ts1
IRIN (ED1) setup time for SPUPV (ED0) rise
20ns
-
tw0
SPUPV (ED0) pulse width
20ns
50§ Á
ts0
SPUPV (ED0) setup time for IRIN (ED1) rise
20ns
-
Item
0.3VDD
§ Ë
§ Ë
SPDNV(ED2)
IRIN(ED1)
SPUPV(ED0)
§ Ì



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com