Electronic Components Datasheet Search
  English  ▼

X  

AI5412 Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # AI5412
Description  Timing Controller for CCD Monochrome Camera
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI5412 Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  AI5412 Datasheet HTML 1Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 2Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 3Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 4Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 5Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 6Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 7Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 8Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Ai5412
42
MODE4
I
Line number selection pin (with pull-down resistance)
Low : EIA 262H/CCIR 312H ; High : EIA 263H/CCIR 313H
41
MODE3
I
Low : interlace mode ; High : non-interlace mode (with pull-down resistance)
40
ESYNC
I
Low : SYNC sync or internal sync ; High : VD/HD sync
(with pull-down resistance)
39
VR/SYNC
I
Vertical drive signal input/composite sync input (with pull-up resistance)
38
HPLL
I
Horizontal drive signal input (with pull-up resistance)
37
EXT
O
External sync/internal sync identification signal
High : external sync ; Low : internal sync
36
BLKO
O
Composite blanking output
35
SYNC
O
Composite sync output
34
HD
O
Horizontal drive output
33
VD
O
Vertical drive output
32
FLD
O
Field identification signal output (High : odd field ; Low : even field)
31
VSS3
-
GND
NO.
Symbol
I/O
Description
43
VDD2
-
Power supply
44
MODE5
I*2
Low : Normal mode ; High : Test mode (with pull-down resistance)
45
HCOMP
O
Comparator output (H phase comparator)
46
OSCIN
I*3
Oscillation (crystal oscillator) inverter input
47
OSCOUT
O
Oscillation (crystal oscillator) inverter output
48
CKI
I*4
Clock input
30
CLP1
O
Pulse output for clamp
29
CLP2
O
Pulse output for clamp
28
FL/FR
I
Field accumulation/frame accumulation, odd field/even field switchover
(with pull-down resistance)
I*1
Comparator Input
I*2
OSCILLATOR Cell
I*3
Input cell with feedback resistance
I*4
Fixed to low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com