Electronic Components Datasheet Search
  English  ▼

X  

IMP5218 Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # IMP5218
Description  9--Liine Pllug and Pllay SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5218 Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

Back Button IMP5218 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 9Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Time (50ns/Div.)
5218_07.eps
–0.5
GND
0.5
1.5
2.5
1.0
2.0
3.5
3.0
Frequency = 5.0092MHz
Time (50ns/Div.)
5218_08.eps
–0.5
GND
0.5
1.5
2.5
1.0
2.0
3.5
3.0
Frequency = 4.9961MHz
Figure 7. Receiving Waveform
Figure 8. Driving Waveform
5218_09.eps
6 Meter, 92
Ω
75C08
75C08
Figure 7
Figure 8
IMP5218
Receiver
Driver
IMP5218
Figure 9. End-Driven Cable
Time (20ns/Div.)
5218_10.eps
GND
2
0
2
4
1
4
3
Ch2 Frequency = 10.096MHz
#3
#1
#2
Time (10ns/Div.)
5218_11.eps
GND
2
0
2
4
1
4
3
Ch2 Frequency = 20.020MHz
#3
#1
#2
Figure 10. 10MHz Waveform
Figure 11. 20MHz Waveform
5218_12.eps
6 Meter, 72
Ω
4.75V
#1
#3
#2
4.75V
IMP5218
IMP5218
Figure 12. End-Driven Cable
Typical Characteristics
IMP5
IMP511111/5
1/5111122
IMP52
IMP521188



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com