Electronic Components Datasheet Search
  English  ▼

X  

IMP5218 Datasheet(PDF) 7 Page - A1 PROs co., Ltd.

Part # IMP5218
Description  9--Liine Pllug and Pllay SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5218 Datasheet(HTML) 7 Page - A1 PROs co., Ltd.

Back Button IMP5218 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 9Page - A1 PROs co., Ltd. IMP5218 Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2000 IMP, Inc.
Data Communications
7
Junction Temperature (
°C)
5218_13.eps
0
25
50
75
100
125
2.0
2.5
3.0
3.5
4.0
4.5
Junction Temperature (
°C)
5218_14.eps
0
25
50
75
100
125
5
10
15
20
25
30
VT = 4.75V
Figure 13. Output High Voltage vs. Junction Temperature
Figure 14. Output Current vs. Junction Temperature
Termination Voltage (V)
5218_17.eps
2.5
3.0
3.5
4.5
5.5
4.0
5.0
6.0
0
1
2
3
5
4
6
7
Termination Voltage (V)
5218_18.eps
012
4
35
6
0
50
100
250
150
350
200
300
400
Figure 17. TermPwr Supply Current
vs. Termination Voltage
Figure 18. TermPwr Supply Current
vs. Termination Voltage (Disabled)
Output High Voltage (V)
5218_15.eps
0
0.4
1.2
2.0
0.8
1.6
2.4
2.8
3.2
0
5
10
15
20
25
VT = 4.75V
VA = 25°C
Output High Voltage (V)
5218_16.eps
0
0.4
1.2
2.0
0.8
1.6
2.4
2.8
3.2
0
5
10
15
20
25
VT = 3.3V
VA = 25°C
Figure 15. Output Current vs. Output High Voltage
Figure 16. Output Current vs. Output High Voltage
Typical Characteristics
IMP5
IMP511111/5
1/5111122
IMP52
IMP521188



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com