Electronic Components Datasheet Search
  English  ▼

X  

IMP5219 Datasheet(PDF) 7 Page - A1 PROs co., Ltd.

Part # IMP5219
Description  9--Liine SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5219 Datasheet(HTML) 7 Page - A1 PROs co., Ltd.

Back Button IMP5219 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 9Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2000 IMP, Inc.
Data Communications
7
Junction Temperature (
°C)
5219_13.eps
0
25
50
75
100
125
2.0
2.5
3.0
3.5
4.0
4.5
Junction Temperature (
°C)
5219_14.eps
0
25
50
75
100
125
5
10
15
20
25
30
VT = 4.75V
Figure 13. Output High Voltage vs. Junction Temperature
Figure 14. Output Current vs. Junction Temperature
Termination Voltage (V)
5219_17.eps
2.5
3.0
3.5
4.5
5.5
4.0
5.0
6.0
0
1
2
3
5
4
6
7
Termination Voltage (V)
5219_18.eps
012
4
35
6
0
50
100
250
150
400
200
300
500
350
450
Figure 17. TermPwr Supply Current
vs. Termination Voltage
Figure 18. TermPwr Supply Current
vs. Termination Voltage (Disabled)
Output High Voltage (V)
5219_15.eps
0
0.4
1.2
2.0
0.8
1.6
2.4
2.8
3.2
0
5
10
15
20
25
VT = 4.75V
VA = 25°C
Output High Voltage (V)
5219_16.eps
0
0.4
1.2
2.0
0.8
1.6
2.4
2.8
3.2
0
5
10
15
20
25
VT = 3.3V
VA = 25°C
Figure 15. Output Current vs. Output High Voltage
Figure 16. Output Current vs. Output High Voltage
Typical Characteristics
IMP5
IMP511111/5
1/5111122
IMP52
IMP521199



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com