Electronic Components Datasheet Search
  English  ▼

X  

IMP5219 Datasheet(PDF) 9 Page - A1 PROs co., Ltd.

Part # IMP5219
Description  9--Liine SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5219 Datasheet(HTML) 9 Page - A1 PROs co., Ltd.

Back Button IMP5219 Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 6Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 7Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 8Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 9Page - A1 PROs co., Ltd. IMP5219 Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ATN
BSY
ACK
RST
MSG
TERM POWER
DB (P)
DB (7)
DB (6)
DB (1)
DB (0)
5V
IMP5219
SCSI CABLE
Note: Add third IMP5219 for 16-bit SCSI
TERMPWR
HOST
PERIPHERAL
V
TERM
2.2
µF
5V
TERM POWER
ATN
BSY
ACK
RST
MSG
DB (P)
DB (7)
DB (6)
DB (1)
DB (0)
V
TERM
V
TERM
V
TERM
TERMPWR
2.2
µF
TERMPWR
TERMPWR
IMP5219
IMP5219
IMP5219
© 2000 IMP, Inc.
Data Communications
9
Figure 23. Output Current Matching Channel to Channel
Typical Characteristics
1
2
3
4
5
6
7
8
9 10 11
12 13 14
15 16 17
18 19 20
21 22 23
24 25
i0
i2
i4
i6
i8
21
21.5
22
22.5
23
23.5
24
Part #
Channel
23.5 – 24
23 – 23.5
22.5 – 23
22 – 22.5
21.5 – 22
21 – 21.5
Figure 24. 8-Bit SCSI System Application
IMP5
IMP511111/5
1/5111122
IMP52
IMP521199



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com