Electronic Components Datasheet Search
  English  ▼

X  

AI1003 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # AI1003
Description  Vertical Clock Driver for Camera System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI1003 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  AI1003 Datasheet HTML 1Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 2Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 3Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 4Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 5Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 6Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 7Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 8Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Ai1003
Pin Description
No.
Symbol
I/O
Description
Input signal pin - control Vφ2
Input signal pin - control Vφ1
Input signal pin - control Vφ3
Input signal pin - control Vφ4
Input signal pin - control VSUB
GND
GND
Power supply (+15V)
VP1
VSUB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Vφ4
Vφ3
VP0
Vφ1
Vφ2
VSS
I
I
I
I
I
I
I
-
-
O
O
O
-
O
-
Output signal pin - 3 level ( VP1, VP0, VSS)
Power supply (0V)
Output signal pin - 2 level ( VP0, VSS)
Power supply (-8.5V)
XV1
XSG1
XV3
XSG2
XV4
XV2
XSUB
Block Diagram
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Logic Truth Table
Input
Output
Vφ1,3
Vφ2,4
VSUB
XV1, 2
XSG1, 2
XV2, 4
XSUB
L
L
H
H
L
H
L
H
VP1
VP0
*Z
VSS
L
H
L
H
VP0
VSS
VP1
VSS
* Z is high impedance
.
O
Input signal pin - control Vφ1
Input signal pin - control Vφ3
Output signal pin - 3 level ( VP1, VP0, VSS)
Output signal pin - 2 level ( VP0, VSS)
Output signal pin - 2 level ( VP1, VSS)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com