Electronic Components Datasheet Search
  English  ▼

X  

AI1003 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI1003
Description  Vertical Clock Driver for Camera System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI1003 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI1003 Datasheet HTML 1Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 2Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 3Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 4Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 5Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 6Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 7Page - A1 PROs co., Ltd. AI1003 Datasheet HTML 8Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Ai1003
DC Characteristics
(TA=25℃, VDD = 5V, VSS = -8.5V, VP0 =GND, VP1 = 15V
)
Max
Typ
Min
VΦ1~4 = -0.5V
mA
-25
-18
IOM1
VΦ1,3 = -0.5V
mA
-25
-15
IOH
VΦ1,3 = -0.5V
mA
13.5
9
IOM2
VSUB = 14.5V
mA
-7
-10
IOSH
VSUB = -8.0V
mA
18
12
IOSL
V
1.2
VIL
mA
2.5
0.6
IP0
mA
-4.2
-8
ISS
V
-7.5
-8.5
-9.5
VSS
1
6
15.5
30
0
2.4
15
VΦ1~4 = -8.0V
mA
24
IOL
Output Current
VIN=0~5V (*2)
μA
-1
II
Input Current
V
2.3
VIH
Input Voltage
(*1)
mA
IP1
Supply Current
V
14.5
VP1
Power Supply
Condition
Unit
Value
Symbol
Parameter
(*1) : Refer to the measurement circuit. Shutter speed : 1/40μs
(*2) : XV1~4, XSG1,2 , XSUB pins



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com