Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT2235 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT2235
Description  1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2235 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT2235 Datasheet HTML 1Page - Texas Instruments SN74ACT2235 Datasheet HTML 2Page - Texas Instruments SN74ACT2235 Datasheet HTML 3Page - Texas Instruments SN74ACT2235 Datasheet HTML 4Page - Texas Instruments SN74ACT2235 Datasheet HTML 5Page - Texas Instruments SN74ACT2235 Datasheet HTML 6Page - Texas Instruments SN74ACT2235 Datasheet HTML 7Page - Texas Instruments SN74ACT2235 Datasheet HTML 8Page - Texas Instruments SN74ACT2235 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN74ACT2235
1024
× 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS148F – DECEMBER 1990 – REVISED JUNE 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Independent Asynchronous Inputs and
Outputs
D Low-Power Advanced CMOS Technology
D Bidirectional
D Dual 1024 by 9 Bits
D Programmable Almost-Full/Almost-Empty
Flag
D Empty, Full, and Half-Full Flags
D Access Times of 25 ns With a 50-pF Load
D Data Rates up to 50 MHz
D Fall-Through Times of 22 ns Maximum
D High Output Drive for Direct Bus Interface
D Package Options Include 44-Pin Plastic
Leaded Chip Carriers (FN) and 64-Pin Thin
Quad Flat (PAG, PM) Packages
description
A FIFO memory is a storage device that allows data to be written into and read from its array at independent
data rates. The SN74ACT2235 is arranged as two 1024
× 9-bit FIFOs for high speed and fast access times.
It processes data at rates up to 50 MHz, with access times of 25 ns in a bit-parallel format.
The SN74ACT2235 consists of bus-transceiver circuits, two 1024
× 9-bit FIFOs, and control circuitry arranged
for multiplexed transmission of data directly from the data bus or from the internal FIFO memories. Enable (GAB
and GBA) inputs are provided to control the transceiver functions. The select-control (SAB and SBA) inputs are
provided to select whether real-time or stored data is transferred. The circuitry used for select control eliminates
the typical decoding glitch that occurs in a multiplexer during the transition between stored and real-time data.
Figure 2 shows the eight fundamental bus-management functions that can be performed with the
SN74ACT2235.
For more information on this device family, see the application report, 1K
× 9 × 2 Asynchronous FIFO
SN74ACT2235, literature number SCAA010.
The SN74ACT2235 is characterized for operation from 0
°C to 70°C.
B2
B3
B4
VCC
B5
B6
B7
B8
GND
AF/AEB
HFB
39
38
37
36
35
34
33
32
31
30
29
18 19
7
8
9
10
11
12
13
14
15
16
17
A3
A4
VCC
A5
A6
A7
A8
GND
AF/AEA
HFA
LDCKA
20 21 22 23
FN PACKAGE
(TOP VIEW)
54
3
2 1
644
42 41 40
43
24 25 26 27 28
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74ACT2235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236-20FN TI1-SN74ACT2236-20FN Datasheet
238Kb / 14P
1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236-30FN TI1-SN74ACT2236-30FN Datasheet
238Kb / 14P
1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236-40FN TI1-SN74ACT2236-40FN Datasheet
238Kb / 14P
1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT2236-60FN TI1-SN74ACT2236-60FN Datasheet
238Kb / 14P
1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results

Similar Description - SN74ACT2235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT7819 TI-SN54ABT7819 Datasheet
289Kb / 20P
512 횞 18 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7811 TI-SN54ACT7811 Datasheet
218Kb / 16P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT7820 TI-SN74ABT7820 Datasheet
196Kb / 15P
512 횞 18 횞 2 STROBED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3638 TI-SN74ACT3638 Datasheet
461Kb / 30P
512 횞 32 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7811 TI-SN74ACT7811 Datasheet
222Kb / 17P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7881 TI-SN74ACT7881 Datasheet
195Kb / 15P
1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7200L TI-SN74ACT7200L Datasheet
305Kb / 23P
256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com