Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT2235 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74ACT2235
Description  1024 횞 9 횞 2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2235 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ACT2235 Datasheet HTML 6Page - Texas Instruments SN74ACT2235 Datasheet HTML 7Page - Texas Instruments SN74ACT2235 Datasheet HTML 8Page - Texas Instruments SN74ACT2235 Datasheet HTML 9Page - Texas Instruments SN74ACT2235 Datasheet HTML 10Page - Texas Instruments SN74ACT2235 Datasheet HTML 11Page - Texas Instruments SN74ACT2235 Datasheet HTML 12Page - Texas Instruments SN74ACT2235 Datasheet HTML 13Page - Texas Instruments SN74ACT2235 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SN74ACT2235
1024
× 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SCAS148F – DECEMBER 1990 – REVISED JUNE 2003
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
TO
’ACT2235-20
’ACT2235-30
’ACT2235-40
’ACT2235-60
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
f
LDCK
50
33
25
16.7
MHz
fmax
UNCK
50
33
25
16.7
MHz
t d
LDCK
↑,
LDCKB
↑
BorA
8
22
8
22
8
24
8
26
ns
tpd
UNCKA
↑,
UNCKB
↑
B or A
12
17
25
12
25
12
35
12
45
ns
tPLH
LDCK
↑,
LDCKB
↑
EMPTYA,
EMPTYB
4
15
4
15
4
17
4
19
ns
UNCKA
↑,
UNCKB
↑
EMPTYA,
EMPTYB
2
17
2
17
2
19
2
21
tPHL
RSTA
↓, RSTB↓
EMPTYB
2
18
2
18
2
20
2
22
ns
LDCK
↑,
LDCKB
↑
FULLA, FULLB
4
15
4
15
4
17
4
19
UNCKA
↑,
UNCKB
↑
FULLA, FULLB
4
15
4
15
4
17
4
19
↓
↓
FULLA, FULLB
2
15
2
15
2
17
2
19
tPLH
RSTA
↓, RSTB↓
AF/AEA,
AF/AEB
2
15
2
15
2
17
2
19
ns
LDCK
↑,
LDCKB
↑
HFA, HFB
2
15
2
15
2
17
2
19
tPHL
UNCKA
↑,
UNCKB
↑
HFA, HFB
4
18
4
18
4
20
4
22
ns
PHL
RSTA
↓, RSTB↓
,
1
15
1
15
1
17
1
19
SAB or SBA‡
BorA
1
11
1
11
1
12
1
14
A or B
B or A
1
11
1
11
1
12
1
14
tpd
LDCK
↑,
LDCKB
↑
AF/AEA,
2
18
2
18
2
20
2
22
ns
UNCKA
↑,
UNCKB
↑
,
AF/AEB
2
18
2
18
2
20
2
22
ten
GBA or GAB
A or B
2
11
2
11
2
13
2
15
ns
tdis
GBA or GAB
A or B
1
9
1
9
1
11
1
13
ns
† All typical values are at VCC = 5 V, TA = 25°C.
‡ These parameters are measured with the internal output state of the storage register opposite that of the bus input.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per 1K bits
Outputs enabled
CL =50 pF
f=5MHz
71
pF
Cpd
Power dissipation capacitance per 1K bits
Outputs disabled
CL = 50 pF,
f = 5 MHz
57
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com