Electronic Components Datasheet Search
  English  ▼

X  

aP8910A Datasheet(PDF) 13 Page - Aplus Intergrated Circuits

Part # aP8910A
Description  Standard CMOS process
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

aP8910A Datasheet(HTML) 13 Page - Aplus Intergrated Circuits

Back Button aP8910A Datasheet HTML 9Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 10Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 11Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 12Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 13Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 14Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 15Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 16Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 17Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Integrated Circuits Inc.
aP8921A/10A
Ver 2.1
Apr 3, 2007
13
DC CHARACTERISTICS
( TA = 0 to 70℃, VDD = 4.5V, VSS = 0V )
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VDD
Operating Voltage
2.6
4.5
5.0
V
ISB
Standby current
1
5
μA
I/O open
IOP
Operating current
15
mA
I/O open
VIH
"H" Input Voltage
2.5
3.0
3.5
V
VDD=3.0V
VIL
"L" Input Voltage
-0.3
0
0.5
V
VDD=3.0V
IOL
VOUT low O/P Current
110
mA
Vout=0.3V, VDD=5.0V
IOH
VOUT high O/P Current
-110
mA
Vout=2.5V, VDD=5.0V
ICO
COUT O/P Current
-3
mA
VCOUT=1.0V
IOH
O/P high Current
-8
mA
VOH=2.5V, VDD=5.0V
IOL
O/P low Current
8
mA
VOL=0.3V, VDD=5.0V
Fosc(5.0V) – Fosc(4.0V)
∆F/F
Frequency Stability
-5
+5
%
Fosc(4.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com