Electronic Components Datasheet Search
  English  ▼

X  

aP8910A Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # aP8910A
Description  Standard CMOS process
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

aP8910A Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  aP8910A Datasheet HTML 1Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 2Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 3Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 4Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 5Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 6Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 7Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 8Page - Aplus Intergrated Circuits aP8910A Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Integrated Circuits Inc.
aP8921A/10A
Ver 2.1
Apr 3, 2007
4
PIN DESCRIPTIONS
S1 ~ S4
Input Trigger Pins:
- S1 to S4 is used to trigger the 12 Voice Groups in both Key and CPU Parallel Trigger Mode.
- In OTP Programming Mode, S1 to S4 are used as program enable pins.
SBT
Input Trigger Pin:
- In Key Trigger Mode, this pin is trigger pin to trigger the playback of Voice Groups one by one
sequentially.
- In CPU Parallel Command Mode, this pin is used as address strobe to latch the input from S1 to
S4 and starts the voice playback.
- In OTP Programming Mode, this pin is used as PGM signal.
VDD and V33
Power Supply Pin for normal and programming operation
VSS
Power Ground Pin
VOUT1 and VOUT2
Digital PWM output pins which can drive speaker and buzzer directly for voice playback.
OSC
During voice playback, an external resistor is connected between this pin and the VDD pin to set
the sampling frequency.
In OTP Programming Mode, this is the ACLK input signal.
VPP
No connection during voice playback.
In OTP Programming Mode, this pin is connected to a
separate 6.5V power supply.
OUT1 and OUT2
- In Key Trigger Mode and CPU Parallel Command Mode, these pins are user programmable pins
for the STOP pulse, BUSY and LED signals.
- During OTP programming, OUT1 serves as OEB while OUT2 serves as data IO.
COUT
Analog 8-bit current mode D/A output for voice playback
RST
Chip reset in playback mode or DCLK pin in OTP programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com