Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT7811 Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74ACT7811
Description  1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7811 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74ACT7811 Datasheet HTML 8Page - Texas Instruments SN74ACT7811 Datasheet HTML 9Page - Texas Instruments SN74ACT7811 Datasheet HTML 10Page - Texas Instruments SN74ACT7811 Datasheet HTML 11Page - Texas Instruments SN74ACT7811 Datasheet HTML 12Page - Texas Instruments SN74ACT7811 Datasheet HTML 13Page - Texas Instruments SN74ACT7811 Datasheet HTML 14Page - Texas Instruments SN74ACT7811 Datasheet HTML 15Page - Texas Instruments SN74ACT7811 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
SN74ACT7811
1024
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS151C – JANUARY 1991 – REVISED FEBRUARY 1996
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (see Figures 9
and 10)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 0°C to 70°C
UNIT
(INPUT)
(OUTPUT)
′ACT7811-15
′ACT7811-18
′ACT7811-20
′ACT7811-25
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
WRTCLK or
RDCLK
40
35
28.5
16.7
MHz
tpd
RDCLK
↑
Any Q
4
12
15
4
18
4
20
4
25
ns
tpd†
RDCLK
↑
Any Q
10.5
ns
tpd
WRTCLK
↑
IR
2
10
2
12
2
14
2
16
ns
tpd
RDCLK
↑
OR
2
10
2
12
2
14
2
16
ns
t d
WRTCLK
↑
AF/AE
6
20
6
22
6
24
6
26
ns
tpd
RDCLK
↑
AF/AE
6
20
6
22
6
24
6
26
ns
tPLH
WRTCLK
↑
HF
6
19
6
21
6
23
6
25
ns
tPHL
RDCLK
↑
HF
6
19
6
21
6
23
6
25
ns
tPLH
RESET
↓
AF/AE
3
19
3
21
3
23
3
25
ns
tPHL
RESET
↓
HF
4
21
4
23
4
25
4
27
ns
ten
OE
Any Q
2
11
2
11
2
11
2
11
ns
tdis
OE
Any Q
2
14
2
14
2
14
2
14
ns
† This parameter is measured with CL = 30 pF (see Figure 5).
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per 1K bits
CL = 50 pF, f = 5 MHz
65
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com