Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT7811 Datasheet(PDF) 14 Page - Texas Instruments

Part # SN74ACT7811
Description  1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7811 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74ACT7811 Datasheet HTML 9Page - Texas Instruments SN74ACT7811 Datasheet HTML 10Page - Texas Instruments SN74ACT7811 Datasheet HTML 11Page - Texas Instruments SN74ACT7811 Datasheet HTML 12Page - Texas Instruments SN74ACT7811 Datasheet HTML 13Page - Texas Instruments SN74ACT7811 Datasheet HTML 14Page - Texas Instruments SN74ACT7811 Datasheet HTML 15Page - Texas Instruments SN74ACT7811 Datasheet HTML 16Page - Texas Instruments SN74ACT7811 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SN74ACT7811
1024
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS151C – JANUARY 1991 – REVISED FEBRUARY 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
65
64
63
62
4.5 4.6
4.7
4.8
4.9
5
5.1
66
67
TYPICAL POWER DISSIPATION CAPACITANCE
vs
SUPPLY VOLTAGE
68
5.2
5.3
5.4
5.5
VCC – Supply Voltage – V
fi = 5 MHz
TA = 25°C
CL = 50 pF
Figure 6
calculating power dissipation
The maximum power dissipation (PT) of the SN74ACT7811 can be calculated by:
PT = VCC × [ICC + (N × ∆ICC × dc)] + Σ (Cpd × VCC2 × fi) + Σ (CL × VCC2 × fo)
where:
ICC
=
power-down ICC maximum
N
=
number of inputs driven by a TTL device
∆ ICC = increase in supply current
dc
=
duty cycle of inputs at a TTL high level of 3.4 V
Cpd
=
power dissipation capacitance
CL
=
output capacitive load
fi
=
data input frequency
fo
=
data output frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com