Electronic Components Datasheet Search
  English  ▼

X  

RCOB005AP Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # RCOB005AP
Description  Precision compensated pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RCOB005AP Datasheet(HTML) 2 Page - Sensortechnics GmbH

  RCOB005AP Datasheet HTML 1Page - Sensortechnics GmbH RCOB005AP Datasheet HTML 2Page - Sensortechnics GmbH RCOB005AP Datasheet HTML 3Page - Sensortechnics GmbH RCOB005AP Datasheet HTML 4Page - Sensortechnics GmbH RCOB005AP Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RCO Series
Precision compensated pressure sensors
2/5
E / 11712 / A
www.sensortechnics.com
PRESSURE RANGES SPECIFICATIONS1
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
2
n
a
p
s
e
l
a
c
s
-
l
l
u
F
3
.
n
i
M.
p
y
T.
x
a
M
P
.
.
.
0
5
0
M
O
C
Rr
a
b
m
0
5
.
.
.
0r
a
b
4
.
1V
m
2
9
.
2
1V
m
5
0
.
3
1V
m
8
1
.
3
1
P
.
.
.
0
0
1
M
O
C
Rr
a
b
m
0
0
1
.
.
.
0r
a
b
4
.
1V
m
4
8
.
5
2V
m
0
1
.
6
2V
m
7
3
.
6
2
P
.
.
.
0
5
2
M
O
C
Rr
a
b
m
0
5
2
.
.
.
0r
a
b
4
.
1V
m
1
.
3
4V
m
5
.
3
4V
m
9
.
3
4
P
.
.
.
1
0
0
B
O
C
Rr
a
b
1
.
.
.
0r
a
b
1
.
2V
m
2
.
6
8V
m
0
.
7
8V
m
9
.
7
8
P
.
.
.
2
0
0
B
O
C
Rr
a
b
2
.
.
.
0r
a
b
2
.
4V
m
2
.
6
8V
m
0
.
7
8V
m
9
.
7
8
P
.
.
.
5
0
0
B
O
C
Rr
a
b
5
.
.
.
0r
a
b
0
1V
m
8
.
1
7V
m
5
.
2
7V
m
2
.
3
7
P
.
.
.
0
1
0
B
O
C
Rr
a
b
0
1
.
.
.
0r
a
b
0
1V
m
0
.
6
8V
m
0
.
7
8V
m
0
.
8
8
P
.
.
.
1
0
0
P
O
C
Ri
s
p
1
.
.
.
0i
s
p
0
2V
m
2
8
.
7
1V
m
0
.
8
1V
m
8
1
.
8
1
P
.
.
.
5
0
0
P
O
C
Ri
s
p
5
.
.
.
0i
s
p
0
2V
m
0
4
.
9
5V
m
0
.
0
6V
m
0
6
.
0
6
P
.
.
.
5
1
0
P
O
C
Ri
s
p
5
1
.
.
.
0i
s
p
0
3V
m
0
1
.
9
8V
m
0
.
0
9V
m
0
9
.
0
9
P
.
.
.
0
3
0
P
O
C
Ri
s
p
0
3
.
.
.
0i
s
p
0
6V
m
0
1
.
9
8V
m
0
.
0
9V
m
0
9
.
0
9
P
.
.
.
0
0
1
P
O
C
Ri
s
p
0
0
1
.
.
.
0i
s
p
0
5
1V
m
0
0
.
9
9V
m
0
.
0
0
1V
m
0
.
1
0
1
P
.
.
.
0
5
1
P
O
C
Ri
s
p
0
5
1
.
.
.
0i
s
p
0
5
1V
m
0
0
.
9
8V
m
0
.
0
9V
m
0
.
1
9
r
e
b
m
u
n
t
r
a
Pe
r
u
s
s
e
r
p
g
n
i
t
a
r
e
p
Oe
r
u
s
s
e
r
p
f
o
o
r
P
2
n
a
p
s
e
l
a
c
s
-
l
l
u
F
3
.
n
i
M.
p
y
T.
x
a
M
H
.
.
.
0
5
0
M
O
C
Rr
a
b
m
0
5
.
.
.
0r
a
b
4
.
1V
m
3
.
2
1V
m
5
0
.
3
1V
m
8
.
3
1
H
.
.
.
0
0
1
M
O
C
Rr
a
b
m
0
0
1
.
.
.
0r
a
b
4
.
1V
m
6
.
4
2V
m
1
.
6
2V
m
6
.
7
2
H
.
.
.
0
5
2
M
O
C
Rr
a
b
m
0
5
2
.
.
.
0r
a
b
4
.
1V
m
7
.
1
4V
m
5
.
3
4V
m
3
.
5
4
H
.
.
.
1
0
0
B
O
C
Rr
a
b
1
.
.
.
0r
a
b
1
.
2V
m
2
.
2
8V
m
0
.
7
8V
m
9
.
1
9
H
.
.
.
2
0
0
B
O
C
Rr
a
b
2
.
.
.
0r
a
b
2
.
4V
m
2
.
2
8V
m
0
.
7
8V
m
9
.
1
9
H
.
.
.
5
0
0
B
O
C
Rr
a
b
5
.
.
.
0r
a
b
0
1V
m
9
.
8
6V
m
5
.
2
7V
m
1
.
6
7
H
.
.
.
0
1
0
B
O
C
Rr
a
b
0
1
.
.
.
0r
a
b
0
1V
m
2
.
2
8V
m
0
.
7
8V
m
9
.
1
9
H
.
.
.
1
0
0
P
O
C
Ri
s
p
1
.
.
.
0i
s
p
0
2V
m
7
1V
m
8
1V
m
9
1
H
.
.
.
5
0
0
P
O
C
Ri
s
p
5
.
.
.
0i
s
p
0
2V
m
5
.
7
5V
m
0
6V
m
5
.
2
6
H
.
.
.
5
1
0
P
O
C
Ri
s
p
5
1
.
.
.
0i
s
p
0
3V
m
5
8V
m
0
9V
m
5
9
H
.
.
.
0
3
0
P
O
C
Ri
s
p
0
3
.
.
.
0i
s
p
0
6V
m
5
8V
m
0
9V
m
5
9
H
.
.
.
0
0
1
P
O
C
Ri
s
p
0
0
1
.
.
.
0i
s
p
0
5
1V
m
5
9V
m
0
0
1V
m
5
0
1
H
.
.
.
0
5
1
P
O
C
Ri
s
p
0
5
1
.
.
.
0i
s
p
0
5
1V
m
5
8V
m
0
9V
m
5
9
RCO...P (Prime Grade) devices
RCO...H (High Grade) devices



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com