Electronic Components Datasheet Search
  English  ▼

X  

RCOB005AP Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # RCOB005AP
Description  Precision compensated pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RCOB005AP Datasheet(HTML) 3 Page - Sensortechnics GmbH

  RCOB005AP Datasheet HTML 1Page - Sensortechnics GmbH RCOB005AP Datasheet HTML 2Page - Sensortechnics GmbH RCOB005AP Datasheet HTML 3Page - Sensortechnics GmbH RCOB005AP Datasheet HTML 4Page - Sensortechnics GmbH RCOB005AP Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RCO Series
Precision compensated pressure sensors
3/5
E / 11712 / A
www.sensortechnics.com
PERFORMANCE CHARACTERISTICS1
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zs
e
c
i
v
e
d
P
D
.
.
.
O
C
R
ll
a5
2
.
0
-0
5
2
.
0
+
V
m
s
e
c
i
v
e
d
P
A
.
.
.
O
C
R
ll
a
2
1
0
5
.
0
-0
0
5
.
0
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
4
1
.
0
±5
.
0
±O
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
t
e
s
f
f
O1
.
0
±5
.
0
±V
m
n
a
p
S2
.
0
±0
.
1
±
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
6
2
.
0
±5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
7
0
.
4
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
8
0
.
4
e
g
a
tl
o
v
e
d
o
m
n
o
m
m
o
C
9
8
.
50
.
62
.
6V
C
D
e
m
it
e
s
n
o
p
s
e
R
0
1
0
0
1c
e
s
µ
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
1
1
1
.
0
±V
m
RCO...P (Prime Grade) devices
RCO...H (High Grade) devices
Specification notes:
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
Reference conditions: V
S = 12 V, TA = 25°C, common-mode line pressure = 0 barg, pressure applied to Port B. For absolute
devices only, pressure is applied to Port A and the output polarity is reversed.
Maximum pressure above which causes permanent sensor failure.
Span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure. Span
is ratiometric to the supply voltage.
Hysteresis - the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure.
Maximum error band of the offset voltage and the error band of the span, relative to the 25°C reading.
Maximum difference in output at any pressure within the operating pressure range and temperature within 0°C to +70°C after:
a) 1,000 temperature cycles, 0°C to +70°C
b)
1.5 million pressure cycles, 0 psi to full-scale span
Input impedance is the impedance between pins 2 and 4.
Output impedance is the impedance between pins 3 and 5.
This is the common-mode voltage of the output arms (pins 3 and 5) for V
S = 12 VDC.
Response time for a 0 bar to full-scale span pressure step change, 10 % to 90 % rise time.
Long term stability over a one year period.
Absolute devices with improved zero pressure offset values are available on request. Please contact your nearest
Sensortechnics sales office for further information.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Zs
e
c
i
v
e
d
H
D
.
.
.
O
C
R
ll
a0
5
.
0
-0
0
5
.
0
+
V
m
s
e
c
i
v
e
d
H
A
.
.
.
O
C
R
ll
a
2
1
0
0
.
1
-0
0
0
.
1
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
d
e
n
i
b
m
o
C
4
2
.
0
±0
.
1
±O
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
t
e
s
f
f
O2
.
0
±0
.
1
±V
m
n
a
p
S4
.
0
±0
.
2
±
O
S
F
%
y
t
il
i
b
a
t
a
e
p
e
R
6
2
.
0
±5
.
0
±
e
c
n
a
d
e
p
m
i
t
u
p
n
I
7
0
.
4
k
Ω
e
c
n
a
d
e
p
m
i
t
u
p
t
u
O
8
0
.
4
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
9
7
.
50
.
63
.
6V
C
D
e
m
i
t
e
s
n
o
p
s
e
R
0
1
0
0
1c
e
s
µ
n
a
p
s
d
n
a
t
e
s
f
f
o
f
o
y
t
il
i
b
a
t
s
m
r
e
t
g
n
o
L
1
1
1
.
0
±V
m



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com