Electronic Components Datasheet Search
  English  ▼

X  

LTC2215 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2215
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2215 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2215 Datasheet HTML 3Page - Linear Technology LTC2215 Datasheet HTML 4Page - Linear Technology LTC2215 Datasheet HTML 5Page - Linear Technology LTC2215 Datasheet HTML 6Page - Linear Technology LTC2215 Datasheet HTML 7Page - Linear Technology LTC2215 Datasheet HTML 8Page - Linear Technology LTC2215 Datasheet HTML 9Page - Linear Technology LTC2215 Datasheet HTML 10Page - Linear Technology LTC2215 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC2216/LTC2215
7
22165f
TIMING DIAGRAM
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND, with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 65MHz (LTC2215) or 80MHz (LTC2216), LVDS
outputs, differential ENC+/ENC– = 2VP-P sine wave with 1.6V common mode,
input range = 2.75VP-P with differential drive, unless otherwise specified.
Note 5: Integral nonlinearity is defined as the deviation of a code from a “best
fit straight line” to the transfer curve. The deviation is measured from the
center of the quantization band.
Note 6: Offset error is the offset voltage measured from – 1/2LSB when the
output code flickers between 0000 0000 0000 0000 and 1111 1111 1111
1111 in 2’s complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
LVDS Output Mode Timing
All Outputs are Differential and Have LVDS Levels
tH
tD
tC
tL
N – 7
N – 6
N – 5
N – 4
N – 3
ANALOG
INPUT
ENC–
ENC+
CLKOUT –
CLKOUT+
D0-D15, OF
22165 TD01
tAP
N + 1
N + 2
N + 4
N + 3
N
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com