Electronic Components Datasheet Search
  English  ▼

X  

LTC2215 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2215
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2215 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2215 Datasheet HTML 14Page - Linear Technology LTC2215 Datasheet HTML 15Page - Linear Technology LTC2215 Datasheet HTML 16Page - Linear Technology LTC2215 Datasheet HTML 17Page - Linear Technology LTC2215 Datasheet HTML 18Page - Linear Technology LTC2215 Datasheet HTML 19Page - Linear Technology LTC2215 Datasheet HTML 20Page - Linear Technology LTC2215 Datasheet HTML 21Page - Linear Technology LTC2215 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
LTC2216/LTC2215
18
22165f
For CMOS Mode. Full Rate or Demultiplexed
SENSE (Pin 1): Reference Mode Select and External Refer-
ence Input. Tie SENSE to VDD to select the internal 2.5V
bandgap reference. An external reference of 2.5V or 1.25V
may be used; both reference values will set a full-scale
ADC range of 2.75V.
GND (Pins 2, 4, 7, 10, 11, 14, 18): ADC Power Ground.
VCM(Pin3):1.575VOutput.Optimumvoltageforinputcom-
mon mode. Must be bypassed to ground with a minimum
of 2.2μF. Ceramic chip capacitors are recommended.
VDD (Pins 5, 6, 15, 16, 17): 3.3V Analog Supply Pin.
Bypass to GND with 1μF ceramic chip capacitors.
AIN+ (Pin 8): Positive Differential Analog Input.
AIN– (Pin 9): Negative Differential Analog Input.
ENC+ (Pin 12): Positive Differential Encode Input. The
sampled analog input is held on the rising edge of ENC+.
Internally biased to 1.6V through a 6.2k
Ω resistor. Output
data can be latched on the rising edge of ENC+.
ENC– (Pin 13): Negative Differential Encode Input. The
sampled analog input is held on the falling edge of ENC–.
Internally biased to 1.6V through a 6.2k
Ω resistor. By-
pass to ground with a 0.1μF capacitor for a single-ended
Encode signal.
SHDN (Pin 19): Power Shutdown Pin. SHDN = low results
in normal operation. SHDN = high results in powered
down analog circuitry and the digital outputs are placed
in a high impedance state.
DITH (Pin 20): Internal Dither Enable Pin. DITH = low
disables internal dither. DITH = high enables internal dither.
Refer to Internal Dither section of this data sheet for details
on dither operation.
DB0-DB15 (Pins 21-30 and 33-38): Digital Outputs, B Bus.
DB15 is the MSB. Active in demultiplexed mode. The B bus
is in high impedance state in full rate CMOS mode.
OGND (Pins 31 and 50): Output Driver Ground.
OVDD (Pins 32 and 49): Positive Supply for the Output
Drivers. Bypass to ground with 1μF capacitor.
OFB (Pin 39): Over/Under Flow Digital Output for the B Bus.
OFB is high when an over or under flow has occurred on the
B bus. At high impedance state in full rate CMOS mode.
CLKOUTB (Pin 40): Data Valid Output. CLKOUTB will toggle
at the sample rate in full rate CMOS mode or at 1/2 the
sample rate in demultiplexed mode. Latch the data on the
falling edge of CLKOUTB.
CLKOUTA (Pin 41): Inverted Data Valid Output. CLKOUTA
will toggle at the sample rate in full rate CMOS mode or
at 1/2 the sample rate in demultiplexed mode. Latch the
data on the rising edge of CLKOUTA.
DA0-DA15 (Pins 42-48 and 51-59): Digital Outputs, A Bus.
DA15 is the MSB. Output bus for full rate CMOS mode
and demultiplexed mode.
OFA (Pin 60): Over/Under Flow Digital Output for the A
Bus. OFA is high when an over or under flow has occurred
on the A bus.
LVDS (Pin 61): Data Output Mode Select Pin. Connecting
LVDS to 0V selects full rate CMOS mode. Connecting LVDS
to 1/3VDD selects demultiplexed CMOS mode. Connecting
LVDS to 2/3VDD selects Low Power LVDS mode. Connect-
ing LVDS to VDD selects Standard LVDS mode.
MODE (Pin 62): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to 0V selects
offset binary output format and disables the clock duty
cycle stabilizer. Connecting MODE to 1/3VDD selects offset
binary output format and enables the clock duty cycle sta-
bilizer. Connecting MODE to 2/3VDDselects2’scomplement
output format and enables the clock duty cycle stabilizer.
Connecting MODE to VDD selects 2’s complement output
format and disables the clock duty cycle stabilizer.
RAND (Pin 63): Digital Output Randomization Selection
Pin. RAND low results in normal operation. RAND high
selects D1-D15 to be EXCLUSIVE-ORed with D0 (the
LSB). The output can be decoded by again applying an
XOR operation between the LSB and all other bits. This
mode of operation reduces the effects of digital output
interference.
NC (Pin 64): Not Connected Internally. For pin compatibility
with the LTC2208 this pin should be connected to GND or
VDD as required. Otherwise no connection.
GND (Exposed Pad): ADC Power Ground. The exposed
pad on the bottom of the package must be soldered to
ground.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com