Electronic Components Datasheet Search
  English  ▼

X  

LTC2216UP Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2216UP
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216UP Datasheet(HTML) 1 Page - Linear Technology

  LTC2216UP Datasheet HTML 1Page - Linear Technology LTC2216UP Datasheet HTML 2Page - Linear Technology LTC2216UP Datasheet HTML 3Page - Linear Technology LTC2216UP Datasheet HTML 4Page - Linear Technology LTC2216UP Datasheet HTML 5Page - Linear Technology LTC2216UP Datasheet HTML 6Page - Linear Technology LTC2216UP Datasheet HTML 7Page - Linear Technology LTC2216UP Datasheet HTML 8Page - Linear Technology LTC2216UP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC2216/LTC2215
1
22165f
TYPICAL APPLICATION
APPLICATIONS
16-Bit, 80Msps/65Msps
Low Noise ADC
The LTC®2216/LTC2215 are 80Msps/65Msps sampling 16-
bit A/D converters designed for digitizing high frequency,
wide dynamic range signals with input frequencies up to
400MHz. The input range of the ADC is fixed at 2.75VP-P.
The LTC2216/LTC2215 are perfect for demanding com-
munications applications, with AC performance that
includes 81.5dBFS noise floor and 100dB spurious free
dynamic range (SFDR). Ultra low jitter of 85fsRMS allows
undersampling of high input frequencies while maintaining
excellent noise performance. Maximum DC specs include
±3.5LSB INL, ±1LSB DNL (no missing codes).
The digital output can be either differential LVDS or
single-ended CMOS. There are two format options for the
CMOS outputs: a single bus running at the full data rate or
demultiplexed buses running at half data rate. A separate
output power supply allows the CMOS output swing to
range from 0.5V to 3.6V.
The ENC+ and ENC– inputs may be driven differentially
or single-ended with a sine wave, PECL, LVDS, TTL or
CMOS inputs. An optional clock duty cycle stabilizer al-
lows high performance at full speed with a wide range of
clock duty cycles.
n Telecommunications
n Receivers
n Cellular Base Stations
n Spectrum Analysis
n Imaging Systems
n ATE
n Sample Rate: 80Msps/65Msps
n 81.5dBFS Noise Floor
n 100dB SFDR
n SFDR >95dB at 70MHz
n 85fsRMS Jitter
n 2.75VP-P Input Range
n 400MHz Full Power Bandwidth S/H
n Optional Internal Dither
n Optional Data Output Randomizer
n LVDS or CMOS Outputs
n Single 3.3V Supply
n Power Dissipation: 970mW/700mW
n Clock Duty Cycle Stabilizer
n Pin-Compatible with LTC2208, LTC2217
n 64-Pin (9mm
× 9mm) QFN Package
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
LTC2216: 64k Point FFT,
fIN = 4.9MHz, –1dBFS
–
+
S/H
AMP
CORRECTION
LOGIC AND
SHIFT REGISTER
OUTPUT
DRIVERS
16-BIT
PIPELINED
ADC CORE
INTERNAL ADC
REFERENCE
GENERATOR
1.575V
COMMON MODE
BIAS VOLTAGE
CLOCK/DUTY
CYCLE
CONTROL
D15
•
•
•
D0
SHDN
DITH
MODE
LVDS
RAND
VCM
ANALOG
INPUT
22165 TA01
CMOS
OR
LVDS
0.5V TO 3.6V
3.3V
3.3V
SENSE
OGND
OVDD
2.2μF
1μF
1μF
1μF
1μF
VDD
GND
ADC CONTROL INPUTS
AIN+
ENC +
AIN–
ENC –
OF
CLKOUT
FEATURES
DESCRIPTION
22165 TA01b
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
010
20
30
40
FREQUENCY (MHz)


Similar Part No. - LTC2216UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2216 LINER-LTC2216 Datasheet
899Kb / 28P
16-Bit, 125/105/80Msps Low Power Dual ADCs Serial SPI Port for Configuration
LTC2216 LINER-LTC2216 Datasheet
520Kb / 32P
16-Bit, 20Msps Low Power ADC
LTC2216 LINER-LTC2216 Datasheet
608Kb / 36P
16-Bit, 20Msps Low Power Dual ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 28P
High Linearity Differential RF/IF Amplifier/ADC Driver
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
More results

Similar Description - LTC2216UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
12-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
14-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
16-Bit, 80Msps/65Msps Serial Output ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
12-Bit, 65Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
16-Bit, 80Msps/65Msps Serial Output ADC
LTC2273 LINER-LTC2273_15 Datasheet
777Kb / 44P
16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com