Electronic Components Datasheet Search
  English  ▼

X  

LTC2216UP Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2216UP
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216UP Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2216UP Datasheet HTML 21Page - Linear Technology LTC2216UP Datasheet HTML 22Page - Linear Technology LTC2216UP Datasheet HTML 23Page - Linear Technology LTC2216UP Datasheet HTML 24Page - Linear Technology LTC2216UP Datasheet HTML 25Page - Linear Technology LTC2216UP Datasheet HTML 26Page - Linear Technology LTC2216UP Datasheet HTML 27Page - Linear Technology LTC2216UP Datasheet HTML 28Page - Linear Technology LTC2216UP Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LTC2216/LTC2215
25
22165f
The internal programmable gain amplifier provides the
internal reference voltage for the ADC. This amplifier has
very stringent settling requirements and therefore is not
accessible for external use.
The SENSE pin can be driven ±5% around the nominal 2.5V
or 1.25V external reference inputs. This adjustment range
can be used to trim the ADC gain error or other system
gain errors. When selecting the internal reference, the
SENSE pin should be tied to VDD as close to the converter
as possible. If the sense pin is driven externally it should
be bypassed to ground as close to the device as possible
with 1μF ceramic capacitor.
Figure 7. A 2.75V Range ADC with
an External 2.5V Reference
VCM
SENSE
1.575V
3.3V
2.2μF
2.2μF
1μF
22165 F07
LTC1461-2.5
2
6
4
LTC2216/
LTC2215
3. If the ADC is clocked with a fixed-frequency sinusoidal
signal, filter the encode signal to reduce wideband
noise.
4. Balance the capacitance and series resistance at both
encode inputs such that any coupled noise will appear
at both inputs as common mode noise.
The encode inputs have a common mode range of 1.2V
to VDD. Each input may be driven from ground to VDD for
single-ended drive.
Driving the Encode Inputs
The noise performance of the LTC2216/LTC2215 can
depend on the encode signal quality as much as on the
analog input. The encode inputs are intended to be driven
differentially, primarily for noise immunity from common
mode noise sources. Each input is biased through a 6k
resistor to a 1.6V bias. The bias resistors set the DC oper-
ating point for transformer coupled drive circuits and can
set the logic threshold for single-ended drive circuits.
Any noise present on the encode signal will result in ad-
ditional aperture jitter that will be RMS summed with the
inherent ADC aperture jitter.
In applications where jitter is critical (high input frequen-
cies), take the following into consideration:
1. Differential drive should be used.
2. Use as large an amplitude possible. If using trans-
former coupling, use a higher turns ratio to increase the
amplitude.
Figure 8. Equivalent Encode Input Circuit
LTC2216/LTC2215
22165 F08
ENC–
ENC+
1.6V
1.6V
6k
6k
TO INTERNAL
ADC CLOCK
DRIVERS
VDD
VDD
VDD
Figure 9. Balun-Driven Encode
50Ω
100Ω
8.2pF
0.1μF
0.1μF
0.1μF
T1
T1 = MA/COM ETC1-1-13
RESISTORS AND CAPACITORS
ARE 0402 PACKAGE SIZE
50Ω
22165 F09
ENC–
ENC+
LTC2216/
LTC2215
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com