Electronic Components Datasheet Search
  English  ▼

X  

LTC2223 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2223
Description  12-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2223 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2223 Datasheet HTML 3Page - Linear Technology LTC2223 Datasheet HTML 4Page - Linear Technology LTC2223 Datasheet HTML 5Page - Linear Technology LTC2223 Datasheet HTML 6Page - Linear Technology LTC2223 Datasheet HTML 7Page - Linear Technology LTC2223 Datasheet HTML 8Page - Linear Technology LTC2223 Datasheet HTML 9Page - Linear Technology LTC2223 Datasheet HTML 10Page - Linear Technology LTC2223 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2222/LTC2223
7
22223fa
TYPICAL PERFOR A CE CHARACTERISTICS
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G14
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G15
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G16
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G17
25
30
35
40
FREQUENCY (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
5
10
15
20
2223 G18
25
30
35
40
SAMPLE RATE (Msps)
0
2223 G10
2223 G11
2223 G12
40
80
100
95
90
85
80
75
70
65
60
55
50
20
60
100
SFDR
SNR
SAMPLE RATE (Msps)
0
130
120
110
100
90
80
80
20
40
60
100
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
4
6
80
2
0
20
40
60
100
8
INPUT LEVELS (dBFS)
–60
–40
–30
–20
–10
0
–50
2223 G13
100
90
80
70
60
50
40
30
20
10
0
dBFS
dBc
LTC2222: SFDR and SNR vs
Sample Rate, 1V Range,
fIN = 30MHz, –1dB
LTC2222: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2222: IOVDD vs Sample Rate,
5MHz Sine Wave Input,
–1dB,OVDD = 1.8V
LTC2222: SFDR vs Input Level,
fIN = 70MHz, 2V Range
LTC2222: 8192 Point FFT,
fIN = 5MHz, –1dB, 2V Range
LTC2222: 8192 Point FFT,
fIN = 5MHz, –1dB, 1V Range
LTC2222: 8192 Point FFT,
fIN = 30MHz, –1dB, 2V Range
LTC2222: 8192 Point FFT,
fIN = 30MHz, –1dB, 1V Range
LTC2222: 8192 Point FFT,
fIN = 70MHz, –1dB, 2V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com