Electronic Components Datasheet Search
  English  ▼

X  

LTC2223 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2223
Description  12-Bit,105Msps/80Msps ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2223 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2223 Datasheet HTML 19Page - Linear Technology LTC2223 Datasheet HTML 20Page - Linear Technology LTC2223 Datasheet HTML 21Page - Linear Technology LTC2223 Datasheet HTML 22Page - Linear Technology LTC2223 Datasheet HTML 23Page - Linear Technology LTC2223 Datasheet HTML 24Page - Linear Technology LTC2223 Datasheet HTML 25Page - Linear Technology LTC2223 Datasheet HTML 26Page - Linear Technology LTC2223 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC2222/LTC2223
23
22223fa
APPLICATIO S I FOR ATIO
to recharge and stabilize. Connecting SHDN to VDD and OE
to GND results in nap mode, which typically dissipates
35mW. In nap mode, the on-chip reference circuit is kept
on, so that recovery from nap mode is faster than that from
sleep mode, typically taking 100 clock cycles. In both sleep
and nap mode all digital outputs are disabled and enter the
Hi-Z state.
GROUNDING AND BYPASSING
The LTC2222/LTC2223 requires a printed circuit board with
a clean unbroken ground plane. A multilayer board with an
internal ground plane is recommended. Layout for the
printed circuit board should ensure that digital and analog
signal lines are separated as much as possible. In particu-
lar, care should be taken not to run any digital track along-
side an analog signal track or underneath the ADC.
High quality ceramic bypass capacitors should be used at
the VDD,OVDD,VCM,REFHA,REFHB,REFLAandREFLBpins
as shown in the block diagram on the front page of this data
sheet. Bypass capacitors must be located as close to the
pins as possible. Of particular importance are the capaci-
tors between REFHA and REFLB and between REFHB and
REFLA. These capacitors should be as close to the device
as possible (1.5mm or less). Size 0402 ceramic capacitors
are recommended. The 2.2
µFcapacitorbetweenREFHAand
REFLA can be somewhat further away. The traces connect-
ing the pins and bypass capacitors must be kept short and
should be made as wide as possible.
The LTC2222/LTC2223 differential inputs should run par-
allel and close to each other. The input traces should be as
short as possible to minimize capacitance and to minimize
noise pickup.
HEAT TRANSFER
Most of the heat generated by the LTC2222/LTC2223 is
transferred from the die through the bottom-side exposed
pad and package leads onto the printed circuit board. For
good electrical and thermal performance, the exposed pad
should be soldered to a large grounded pad on the PC board.
It is critical that all ground pins are connected to a ground
plane of sufficient area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com