Electronic Components Datasheet Search
  English  ▼

X  

LTC2215CUP Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2215CUP
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2215CUP Datasheet(HTML) 4 Page - Linear Technology

  LTC2215CUP Datasheet HTML 1Page - Linear Technology LTC2215CUP Datasheet HTML 2Page - Linear Technology LTC2215CUP Datasheet HTML 3Page - Linear Technology LTC2215CUP Datasheet HTML 4Page - Linear Technology LTC2215CUP Datasheet HTML 5Page - Linear Technology LTC2215CUP Datasheet HTML 6Page - Linear Technology LTC2215CUP Datasheet HTML 7Page - Linear Technology LTC2215CUP Datasheet HTML 8Page - Linear Technology LTC2215CUP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC2216/LTC2215
4
22165f
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS with 2.75V range unless otherwise noted. (Note 4)
DYNAMIC ACCURACY
SYMBOL PARAMETER
CONDITIONS
LTC2215
LTC2216
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
81.5
81.3
dBFS
15MHz Input, TA = 25°C
15MHz Input
l
80.8
80.5
81.4
81
80.6
80.2
81.2
80.8
dBFS
dBFS
30MHz Input, TA = 25°C
81.2
81.1
dBFS
70MHz Input, TA = 25°C
70MHz Input
l
80
79.7
80.6
80.2
80
79.7
80.5
80.2
dBFS
dBFS
140MHz Input
79
79
dBFS
SFDR
Spurious Free
Dynamic Range
2nd or 3rd Harmonic
5MHz Input
100
100
dBc
15MHz Input, TA = 25°C
15MHz Input
l
88
88
100
96
88
88
100
99
dBc
dBc
30MHz Input
91
95
dBc
70MHz Input, TA = 25°C
70MHz Input
l
85
84
96
95
85
84
97
97
dBc
dBc
140MHz Input
89
91
dBc
SFDR
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
105
105
dBc
15MHz Input
l
95
105
94
105
dBc
30MHz Input
105
105
dBc
70MHz Input
l
94
104
93
103
dBc
140MHz Input
100
100
dBc
S/(N+D) Signal-to-Noise
Plus Distortion Ratio
5MHz Input
81.5
81.3
dBc
15MHz Input, TA = 25°C
15MHz Input
l
80.3
80.2
81.2
80.8
80.2
80
81.1
80.7
dBFS
dBFS
30MHz Input
80.9
80.8
dBFS
70MHz Input, TA = 25°C
70MHz Input
l
79.3
79.2
80.3
80
79.6
79.4
80.4
80.1
dBFS
dBFS
140MHz Input
78.8
78.8
dBFS
SFDR
Spurious Free Dynamic Range
at –25dBFS
Dither “OFF”
5MHz Input
105
105
dBFS
15MHz Input
105
105
dBFS
30MHz Input
105
105
dBFS
70MHz Input
105
105
dBFS
140MHz Input
100
100
dBFS
SFDR
Spurious Free Dynamic Range
at –25dBFS
Dither “ON”
5MHz Input
115
115
dBFS
15MHz Input
l
100
115
100
115
dBFS
30MHz Input
115
115
dBFS
70MHz Input
115
115
dBFS
140MHz Input
110
110
dBFS
IMD
Intermodulation Distortion
fIN1 = 14MHz, fIN2 = 21MHz, –7dBFS
fIN1 = 67MHz, fIN2 = 74MHz, –7dBFS
100
96
100
97
dBc
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com