Electronic Components Datasheet Search
  English  ▼

X  

AD7846 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7846
Description  16-Bit Voltage Output DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846 Datasheet(HTML) 4 Page - Analog Devices

  AD7846 Datasheet HTML 1Page - Analog Devices AD7846 Datasheet HTML 2Page - Analog Devices AD7846 Datasheet HTML 3Page - Analog Devices AD7846 Datasheet HTML 4Page - Analog Devices AD7846 Datasheet HTML 5Page - Analog Devices AD7846 Datasheet HTML 6Page - Analog Devices AD7846 Datasheet HTML 7Page - Analog Devices AD7846 Datasheet HTML 8Page - Analog Devices AD7846 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. E
–4–
AD7846
ORDERING GUIDE
Model
Temperature Range
Relative Accuracy
Package Description
Package Options
AD7846JN
0
°C to +70°C
±16 LSB
Plastic DIP
N-28A
AD7846KN
0
°C to +70°C
±8 LSB
Plastic DIP
N-28A
AD7846JP
0
°C to +70°C
±16 LSB
Plastic Leaded Chip Carrier (PLCC)
P-28A
AD7846KP
0
°C to +70°C
±8 LSB
Plastic Leaded Chip Carrier (PLCC)
P-28A
AD7846AP
–40
°C to +85°C
±16 LSB
Plastic Leaded Chip Carrier (PLCC)
P-28A
AD7846AQ
–40
°C to +85°C
±16 LSB
Ceramic DIP
Q-28
AD7846BP
–40
°C to +85°C
±8 LSB
Plastic Leaded Chip Carrier (PLCC)
P-28A
ABSOLUTE MAXIMUM RATINGS
1
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.4 V to +17 V
VCC to DGND . . . . . . . . . . . . . . . –0.4 V, VDD + 0.4 V or +7 V
(Whichever Is Lower)
VSS to DGND . . . . . . . . . . . . . . . . . . . . . . . . . +0.4 V to –17 V
VREF+ to DGND . . . . . . . . . . . . . . . . VDD + 0.4 V, VSS – 0.4 V
VREF– to DGND . . . . . . . . . . . . . . . . VDD + 0.4 V, VSS – 0.4 V
VOUT to DGND
2
. . . . . . . . VDD + 0.4 V, VSS – 0.4 V or
±10 V
(Whichever Is Lower)
RIN to DGND . . . . . . . . . . . . . . . . . . VDD + 0.4 V, VSS – 0.4 V
Digital Input Voltage to DGND . . . . . . –0.4 V to VCC + 0.4 V
Digital Output Voltage to DGND . . . . . –0.4 V to VCC + 0.4 V
Power Dissipation (Any Package)
To +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 mW
Derates above +75
°C . . . . . . . . . . . . . . . . . . . . . 10 mW/°C
Operating Temperature Range
J, K Versions . . . . . . . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
A, B Versions . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering) . . . . . . . . . . . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one Absolute
Maximum Rating may be applied at any one time.
2V
OUT may be shorted to DGND, VDD, VSS, VCC provided that the power dissipation
of the package is not exceeded.
CAUTION
ESD (electrostatic discharge) sensitive device. The digital control inputs are diode protected;
however, permanent damage may occur on unconnected devices subject to high energy electro-
static fields. Unused devices must be stored in conductive foam or shunts. The protective foam
should be discharged to the destination socket before devices are removed.
TERMINOLOGY
LEAST SIGNIFICANT BIT
This is the analog weighting of 1 bit of the digital word in a DAC.
For the AD7846, 1 LSB = (VREF+ –VREF–)/2
16.
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the end-
points of the DAC transfer function. It is measured after adjust-
ing for both endpoints (i.e., offset and gain errors are adjusted
out) and is normally expressed in least significant bits or as a
percentage of full-scale range.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal change between any two adjacent codes. A
specified differential nonlinearity of
±1 LSB over the operating
temperature range ensures monotonicity.
Gain Error
Gain error is a measure of the output error between an ideal
DAC and the actual device output with all 1s loaded after offset
error has been adjusted out. Gain error is adjustable to zero
with an external potentiometer.
Offset Error
This is the error present at the device output with all 0s loaded
in the DAC. It is due to op amp input offset voltage and bias
current and the DAC leakage current.
Bipolar Zero Error
When the AD7846 is connected for bipolar output and 10 . . . 000
is loaded to the DAC, the deviation of the analog output from the
ideal midscale of 0 V is called the bipolar zero error.
Digital-to-Analog Glitch Impulse
This is the amount of charge injected from the digital inputs to
the analog output when the inputs change state. This is normally
specified as the area of the glitch in either pA-secs or nV-secs
depending upon whether the glitch is measured as a current or a
voltage.
Multiplying Feedthrough Error
This is an ac error due to capacitive feedthrough from either of
the VREF terminals to VOUT when the DAC is loaded with all 0s.
Digital Feedthrough
When the DAC is not selected (i.e.,
CS is held high), high fre-
quency logic activity on the digital inputs is capacitively coupled
through the device to show up as noise on the VOUT pin. This
noise is digital feedthrough.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com