Electronic Components Datasheet Search
  English  ▼

X  

LTC2225 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2225
Description  12-Bit, 10Msps Low Power 3V ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2225 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2225 Datasheet HTML 2Page - Linear Technology LTC2225 Datasheet HTML 3Page - Linear Technology LTC2225 Datasheet HTML 4Page - Linear Technology LTC2225 Datasheet HTML 5Page - Linear Technology LTC2225 Datasheet HTML 6Page - Linear Technology LTC2225 Datasheet HTML 7Page - Linear Technology LTC2225 Datasheet HTML 8Page - Linear Technology LTC2225 Datasheet HTML 9Page - Linear Technology LTC2225 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC2225
6
2225fa
TYPICAL PERFOR A CE CHARACTERISTICS
8192 Point FFT, fIN = 70.1MHz,
–1dB, 2V Range
Grounded Input Histogram
SNR vs Input Frequency, –1dB,
2V Range
8192 Point 2-Tone FFT,
fIN = 4.3MHz and 4.6MHz,
–1dB, 2V Range
SFDR vs Input Frequency, –1dB,
2V Range
SNR and SFDR vs Sample Rate,
2V Range, fIN = 5MHz, –1dB
FREQUENCY (MHz)
0
–60
–40
–20
0
4
2225 G04
–80
–100
–70
–50
–30
–10
–90
–110
–120
1
2
3
5
FREQUENCY (MHz)
0
–60
–40
–20
0
4
2225 G05
–80
–100
–70
–50
–30
–10
–90
–110
–120
1
2
3
5
CODE
70000
60000
50000
40000
30000
20000
10000
0
2049
61758
2050
2225 G06
2048
2155
1607
INPUT FREQUENCY (MHz)
0
65
66
68
69
70
75
72
20
40
50
2225 G07
67
73
74
71
10
30
60
70
INPUT FREQUENCY (MHz)
0
85
90
100
30
50
2225 G08
80
75
10
20
40
60
70
70
65
95
SAMPLE RATE (Msps)
0
60
70
80
90
100
2468
2225 G09
10
12
14
SNR vs Input Level, fIN = 5MHz,
2V Range
SFDR vs Input Level, fIN = 5MHz,
2V Range
INPUT LEVEL (dBFS)
–70
dBFS
dBc
–40
2225 G10
40
20
–60
–50
–30
10
–0
80
70
60
50
30
–20
–10
0
INPUT LEVEL (dBFS)
–70
40
100
110
120
–50
–30
dBFS
dBc
–20
2225 G11
20
10
80
60
30
90
0
70
50
–60
–40
–10
0
90dBc SFDR
REFERENCE LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com