Electronic Components Datasheet Search
  English  ▼

X  

2N6071 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 2N6071
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6071 Datasheet(HTML) 2 Page - Motorola, Inc

  2N6071 Datasheet HTML 1Page - Motorola, Inc 2N6071 Datasheet HTML 2Page - Motorola, Inc 2N6071 Datasheet HTML 3Page - Motorola, Inc 2N6071 Datasheet HTML 4Page - Motorola, Inc 2N6071 Datasheet HTML 5Page - Motorola, Inc 2N6071 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N6071A,B 2N6073A,B 2N6075A,B
2
Motorola Thyristor Device Data
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
*Operating Junction Temperature Range
TJ
–40 to +110
°C
*Storage Temperature Range
Tstg
–40 to +150
°C
Mounting Torque (6-32 Screw)(1)
—
8
in. lb.
*Indicates JEDEC Registered Data.
1. Torque rating applies with use of compression washer (B52200F006). Mounting torque in excess of 6 in. lb. does not appreciably lower
case-to-sink thermal resistance. Main terminal 2 and heatsink contact pad are common.
For soldering purposes (either terminal connection or device mounting), soldering temperatures shall not exceed +200
°C, for 10 seconds.
Consult factory for lead bending options.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction to Case
R
θJC
3.5
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
75
°C/W
*Indicates JEDEC Registered Data.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
*Peak Blocking Current
(VD = Rated VDRM, gate open, TJ = 25°C)
(TJ = 110°C)
IDRM
—
—
—
—
10
2
µA
mA
*On-State Voltage (Either Direction)
(ITM = 6 A Peak)
VTM
—
—
2
Volts
*Peak Gate Trigger Voltage (Continuous dc)
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms, TJ = –40°C)
MT2(+), G(+); MT2(–), G(–)
All Types
MT2(+), G(–); MT2(–), G(+)
(Main Terminal Voltage = Rated VDRM, RL = 10 k ohms,
TJ = 110°C)
MT2(+), G(+); MT2(–), G(–)
All Types
MT2(+), G(–); MT2(–), G(+)
VGT
—
—
0.2
0.2
1.4
1.4
—
—
2.5
2.5
—
—
Volts
*Holding Current (Either Direction)
(Main Terminal Voltage = 12 Vdc, Gate Open, TJ = –40°C)
(Initiating Current = 1 Adc)
2N6071A,B, 2N6073A,B, 2N6075A,B
(TJ = 25°C)
2N6071A,B, 2N6073A,B, 2N6075A,B
IH
—
—
—
—
30
15
mA
Turn-On Time (Either Direction)
(ITM = 14 Adc, IGT = 100 mAdc)
ton
—
1.5
—
µs
Blocking Voltage Application Rate at Commutation
@ VDRM, TJ = 85°C, Gate Open, ITM = 5.7 A,
Commutating di/dt = 2.0 A/ms
dv/dt(c)
—
5
—
V/
µs
*Indicates JEDEC Registered Data.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com