Electronic Components Datasheet Search
  English  ▼

X  

2N6071 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 2N6071
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6071 Datasheet(HTML) 3 Page - Motorola, Inc

  2N6071 Datasheet HTML 1Page - Motorola, Inc 2N6071 Datasheet HTML 2Page - Motorola, Inc 2N6071 Datasheet HTML 3Page - Motorola, Inc 2N6071 Datasheet HTML 4Page - Motorola, Inc 2N6071 Datasheet HTML 5Page - Motorola, Inc 2N6071 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N6071A,B 2N6073A,B 2N6075A,B
3
Motorola Thyristor Device Data
QUADRANT
(See Definition Below)
Type
IGT
@ TJ
I
mA
II
mA
III
mA
IV
mA
Gate Trigger Current (Continuous dc)
(Main Terminal Voltage = 12 Vdc RL = 100 ohms)
2N6071A
2N6073A
+25
°C
5
5
5
10
(Main Terminal Voltage = 12 Vdc, RL = 100 ohms)
Maximum Value
2N6073A
2N6075A
–40
°C
20
20
20
30
2N6071B
2N6073B
+25
°C
3
3
3
5
2N6073B
2N6075B
–40
°C
15
15
15
20
*Indicates JEDEC Registered Data.
SENSITIVE GATE LOGIC REFERENCE
IC Logic
Firing Quadrant
IC Logic
Functions
I
II
III
IV
TTL
2N6071A
Series
2N6071A
Series
HTL
2N6071A
Series
2N6071A
Series
CMOS (NAND)
2N6071B
Series
2N6071B
Series
CMOS (Buffer)
2N6071B
Series
2N6071B
Series
Operational
Amplifier
2N6071A
Series
2N6071A
Series
Zero Voltage
Switch
2N6071A
Series
2N6071A
Series
Trigger devices are recommended for gating on Triacs. They provide:
1. Consistent predictable turn-on points.
2. Simplified circuitry.
3. Fast turn-on time for cooler, more efficient and reliable operation.
QUADRANT DEFINITIONS
QUADRANT II
QUADRANT I
QUADRANT III
QUADRANT IV
MT2(+)
MT2(–)
MT2(+), G(–)
MT2(+), G(+)
MT2(–), G(–)
MT2(–), G(+)
G(–)
G(+)
SAMPLE APPLICATION:
TTL-SENSITIVE GATE 4 AMPERE TRIAC
TRIGGERS IN MODES II AND III
0 V
–VEE
VEE = 5.0 V
MC7400
14
7
+
510
Ω
2N6071A
LOAD
4
115 VAC
60 Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com