Electronic Components Datasheet Search
  English  ▼

X  

LTC2231 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2231
Description  10-Bit,170Msps/135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2231 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2231 Datasheet HTML 10Page - Linear Technology LTC2231 Datasheet HTML 11Page - Linear Technology LTC2231 Datasheet HTML 12Page - Linear Technology LTC2231 Datasheet HTML 13Page - Linear Technology LTC2231 Datasheet HTML 14Page - Linear Technology LTC2231 Datasheet HTML 15Page - Linear Technology LTC2231 Datasheet HTML 16Page - Linear Technology LTC2231 Datasheet HTML 17Page - Linear Technology LTC2231 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2230/LTC2231
14
22301fb
PI FU CTIO S
CLKOUT–/CLKOUT+ (Pins 35 to 36): LVDS Data Valid
Output. Latch data on rising edge of CLKOUT–, falling edge
of CLKOUT+.
OF–/OF+ (Pins 55 to 56): LVDS Over/Under Flow Output.
High when an over or under flow has occurred.
LVDS (Pin 57): Output Mode Selection Pin. Connecting
LVDS to 0V selects full rate CMOS mode. Connecting
LVDS to 1/3VDD selects demux CMOS mode with simulta-
neous update. Connecting LVDS to 2/3VDD selects demux
CMOS mode with interleaved update. Connecting LVDS to
VDD selects LVDS mode.
MODE (Pin 58): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to 0V selects
offset binary output format and turns the clock duty cycle
stabilizer off. Connecting MODE to 1/3VDD selects offset
binary output format and turns the clock duty cycle stabi-
lizer on. Connecting MODE to 2/3VDD selects 2’s comple-
ment output format and turns the clock duty cycle stabi-
lizer on. Connecting MODE to VDD selects 2’s complement
output format and turns the clock duty cycle stabilizer off.
SENSE (Pin 59): Reference Programming Pin. Connecting
SENSE to VCM selects the internal reference and a ±0.5V
input range. VDD selects the internal reference and a ±1V
input range. An external reference greater than 0.5V and
less than 1V applied to SENSE selects an input range of
±VSENSE. ±1V is the largest valid input range.
VCM (Pin 60): 1.6V Output and Input Common Mode Bias.
Bypass to ground with 2.2
μF ceramic chip capacitor.
GND (Exposed Pad) (Pin 65): ADC Power Ground. The
exposed pad on the bottom of the package needs to be
soldered to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com