Electronic Components Datasheet Search
  English  ▼

X  

LTC2231 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2231
Description  10-Bit,170Msps/135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2231 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2231 Datasheet HTML 2Page - Linear Technology LTC2231 Datasheet HTML 3Page - Linear Technology LTC2231 Datasheet HTML 4Page - Linear Technology LTC2231 Datasheet HTML 5Page - Linear Technology LTC2231 Datasheet HTML 6Page - Linear Technology LTC2231 Datasheet HTML 7Page - Linear Technology LTC2231 Datasheet HTML 8Page - Linear Technology LTC2231 Datasheet HTML 9Page - Linear Technology LTC2231 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC2230/LTC2231
6
22301fb
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they will
be clamped by internal diodes. This product can handle input currents of
greater than 100mA below GND or above VDD without latchup.
Note 4: VDD = 3.3V, fSAMPLE = 170MHz (LTC2230) or 135MHz (LTC2231),
LVDS outputs differential, ENC+/ENC– = 2VP-P sine wave, input range =
2VP-P with differential drive, unless otherwise noted.
Note 5: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve. The
deviation is measured from the center of the quantization band.
Note 6: Offset error is the offset voltage measured from –0.5 LSB when the
output code flickers between 00 0000 0000 and 11 1111 1111 in 2’s
complement output mode.
Note 7: Guaranteed by design, not subject to test.
Note 8: Recommended operating conditions.
Note 9: VDD = 3.3V, fSAMPLE = 170MHz (LTC2230) or 135MHz (LTC2231),
differential ENC+/ENC– = 2VP-P sine wave, input range = 1VP-P with differential
drive, output CLOAD = 5pF.
Note 10: SNR minimum and typical values are for LVDS mode. Typical values
for CMOS mode are typically 0.1dB lower.
Note 11: SFDR minimum values are for LVDS mode. Typical values are for
both LVDS and CMOS modes.
Note 12: SINAD minimum and typical values are for LVDS mode. Typical
values for CMOS mode are typically 0.1dB lower.
ELECTRICAL CHARACTERISTICS
LTC2230: INL, 2V Range
LTC2230: DNL, 2V Range
LTC2230: Shorted Input Noise
Histogram
OUTPUT CODE
0
1024
2230 G01
256
512
768
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
OUTPUT CODE
0
1024
2230 G02
256
512
768
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
CODE
513
140000
120000
100000
80000
60000
40000
20000
0
2230 G23
514
515
131059
6
7
INPUT FREQUENCY (MHz)
0
61
62
63
500
2230 G03
60
59
57
100
600
200
300
400
58
INPUT FREQUENCY (MHz)
0
61
62
63
500
2230 G04
60
59
57
100
600
200
300
400
58
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
45
40
600
100
400
200
2230 G05
500
300
LTC2230: SNR
vs Input Frequency, –1dB,
2V Range
LTC2230: SNR
vs Input Frequency, –1dB,
1V Range
LTC2230: SFDR (HD2 and HD3)
vs Input Frequency, –1dB,
2V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com