Electronic Components Datasheet Search
  English  ▼

X  

PDB1507331MZF Datasheet(PDF) 6 Page - Superworld Electronics

Part # PDB1507331MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1507331MZF Datasheet(HTML) 6 Page - Superworld Electronics

  PDB1507331MZF Datasheet HTML 1Page - Superworld Electronics PDB1507331MZF Datasheet HTML 2Page - Superworld Electronics PDB1507331MZF Datasheet HTML 3Page - Superworld Electronics PDB1507331MZF Datasheet HTML 4Page - Superworld Electronics PDB1507331MZF Datasheet HTML 5Page - Superworld Electronics PDB1507331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
01.05.2008
SMD POWER INDUCTORS
PDB1507 SERIES
10. UL CARD :
GUANGDONG CHINA
Mtl Dsg
__
Coating Type
BC
TC
__
__
TI
Type
__
ANSI
4
130
2
130
130
1.5
94V-0
NC , BK
E4810
130
130
130
130
130
1.5
94V-0
3.0
94V-0
3.0
0.30
0.75
94V-0
94V-0
94V-0
130
130
130
130
130
130
130
130
130
130
___
___
___
4
0
___
140
___
1
___
0
4
4
0
___
___
___
54
54
___
___
NC , WT , BK
NC , BK
NC , BK
NC , BK
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
E4010
E400(Y)L , E4008L
E4008
Mtl Dsg
E4008 , E400X
Col
___
___
4
130
2
130
130
1.5
94V-0
___
130
240
220
240
130
240
130
220
240
130
130
130
130
0.30
94V-0
3.0
94V-0
0.30
0.75
94V-0
94V-0
0.75
1.5
94V-0
94V-0
200
220
130
130
130
130
220
220
180
200
0.75
94V-0
3.0
1.5
94V-0
94V-0
3.0
0.30
94V-0
94V-0
180
220
220
220
200
200
130
130
130
130
___
___
___
___
___
___
___
___
___
___
4
___
1
___
0
___
34
___
___
3
2
4
4
___
___
54
___
___
___
___
___
___
___
___
4
3
___
1
2
4
4
0
___
___
1
___
40
___
___
54
___
54
___
w/o
Imp
130
130
Elec
Mech
Min
UL94
0.75
0.30
94V-0
94V-0
Thk
mm
Flame
Class
130
130
130
130
with
Imp
RTI
4C
H
HV
___
___
___
3
___
4
___
___
W
I
A
I
T
R
___
___
9
5
T
I
E54705 (M)
HD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com