Electronic Components Datasheet Search
  English  ▼

X  

PDB1507331MZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # PDB1507331MZF
Description  SMD POWER INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1507331MZF Datasheet(HTML) 1 Page - Superworld Electronics

  PDB1507331MZF Datasheet HTML 1Page - Superworld Electronics PDB1507331MZF Datasheet HTML 2Page - Superworld Electronics PDB1507331MZF Datasheet HTML 3Page - Superworld Electronics PDB1507331MZF Datasheet HTML 4Page - Superworld Electronics PDB1507331MZF Datasheet HTML 5Page - Superworld Electronics PDB1507331MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2. CONFIGURATION & DIMENSIONS :
7.0±0.5
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Base : LCP
(c) Wire : Enamelled Copper Wire
(d) Terminal : Tinned Copper Plate
3. SCHEMATIC :
5. GENERAL SPECIFICATION :
e) Resistance to solder heat : 260°C.10 secs
d) Operating temp. : -40°C to +85°C
c) Storage temp. : -40°C to +125°C
b) Rated current : Base on temp. rise & L/L0A = 10% Max.
a) Temp. rise : 40°C Typ.
PDB1507 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
01.05.2008
PCB Pattern
2.4±0.2
DE
F
2.2±0.2
13.3±0.3
18.4±0.3
15.0±0.3
2.8 Ref.
3.0 Ref.
GH
I
12.7 Ref.
Unit:m/m
d
e
b
a
c
(e) Adhesive : Epoxy
E
A
C
I
G
I
(f) Ink : Bon Margue
f
(f)
P D B 1 5 0 7 1 0 1 M Z F
(d)(e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
(c) Inductance code : 101 = 100uH
(a) Series code
(b) Dimension code
(f) F : Lead Free
(e) X, Y, Z : Standard part
(d) Tolerance code : M = ±20%


Similar Part No. - PDB1507331MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1511 SUPERWORLD-PDB1511 Datasheet
488Kb / 6P
SMD POWER INDUCTORS
PDB1511101MZF SUPERWORLD-PDB1511101MZF Datasheet
488Kb / 6P
SMD POWER INDUCTORS
PDB1511102MZF SUPERWORLD-PDB1511102MZF Datasheet
488Kb / 6P
SMD POWER INDUCTORS
PDB1511103MZF SUPERWORLD-PDB1511103MZF Datasheet
488Kb / 6P
SMD POWER INDUCTORS
PDB1511151MZF SUPERWORLD-PDB1511151MZF Datasheet
488Kb / 6P
SMD POWER INDUCTORS
More results

Similar Description - PDB1507331MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com