Electronic Components Datasheet Search
  English  ▼

X  

SDB1204331MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDB1204331MZF
Description  SMD POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1204331MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SDB1204331MZF Datasheet HTML 1Page - Superworld Electronics SDB1204331MZF Datasheet HTML 2Page - Superworld Electronics SDB1204331MZF Datasheet HTML 3Page - Superworld Electronics SDB1204331MZF Datasheet HTML 4Page - Superworld Electronics SDB1204331MZF Datasheet HTML 5Page - Superworld Electronics SDB1204331MZF Datasheet HTML 6Page - Superworld Electronics SDB1204331MZF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SDB1204 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
07.05.2008
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
1V / 100K
SDB1204560MZF
56.0±20%
SDB1204271MZF
SDB1204331MZF
SDB1204820MZF
SDB1204121MZF
SDB1204101MZF
SDB1204181MZF
SDB1204221MZF
SDB1204151MZF
SDB1204680MZF
270.0±20%
330.0±20%
82.0±20%
220.0±20%
68.0±20%
120.0±20%
100.0±20%
180.0±20%
150.0±20%
SDB1204120MZF
SDB1204150MZF
SDB1204220MZF
SDB1204330MZF
SDB1204270MZF
SDB1204470MZF
SDB1204390MZF
SDB1204180MZF
Part No.
SDB12043R3MZF
SDB12046R8MZF
SDB12044R7MZF
SDB1204100MZF
12.0±20%
15.0±20%
22.0±20%
33.0±20%
27.0±20%
39.0±20%
47.0±20%
18.0±20%
3.3±20%
6.8±20%
4.7±20%
10.0±20%
( µH )
Inductance
1.80
190
860
980
380
600
700
520
260
308
220
0.60
0.50
1.10
0.85
0.80
0.95
1.50
1.30
1.20
38
80
97
132
150
52
70
60
Test
Frequency
( Hz )
23
18
28
RDC
( m )
Max.
15
4.00
2.80
2.70
2.10
1.90
3.20
2.90
3.10
5.70
4.90
4.50
( A )
6.50
IDC
Max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com