Electronic Components Datasheet Search
  English  ▼

X  

SDB1204331MZF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDB1204331MZF
Description  SMD POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1204331MZF Datasheet(HTML) 4 Page - Superworld Electronics

  SDB1204331MZF Datasheet HTML 1Page - Superworld Electronics SDB1204331MZF Datasheet HTML 2Page - Superworld Electronics SDB1204331MZF Datasheet HTML 3Page - Superworld Electronics SDB1204331MZF Datasheet HTML 4Page - Superworld Electronics SDB1204331MZF Datasheet HTML 5Page - Superworld Electronics SDB1204331MZF Datasheet HTML 6Page - Superworld Electronics SDB1204331MZF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
07.05.2008
SMD POWER INDUCTORS
SDB1204 SERIES
T
N
G
D
C
B
A
STYLE
+0
-0
( 2 ) DIMENSIONS
G
ØC
2.0±0.5
8. PACKAGING INFORMATION :
( 1 ) CONFIGURATION
T
Unit:m/m
* CARRIER TAPE WIDTH : D
EMBOSSED CARRIER
D
COVER TAPE
10s max.
40s max.
RECOMMENDED SOLDERING CONDITIONS
230°C
150°C
180°C
Pre-heating
90 to 120s
255°C
REFLOW SOLDERINGS
cooling
Natural
Q'TY (PCS)
2400
STYLE
G.W. (gw)
Q'TY (PCS)
SERIES
SDB1204
1900
600
13-24
( 3 ) Q'TY & G.W. PER PACKAGE
13-24
INNER : REEL
21±0.8
330
13±0.5
SIZE (cm)
G.W. (Kg)
40 x 40 x 24
11.1
30.4
OUTER : CARTON
26
24
50
P:16 m/m
101
101
101
4 m/m
101
101



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com