Electronic Components Datasheet Search
  English  ▼

X  

AME40 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME40
Description  Shunt Bandgap Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME40 Datasheet(HTML) 3 Page - Analog Microelectronics

  AME40 Datasheet HTML 1Page - Analog Microelectronics AME40 Datasheet HTML 2Page - Analog Microelectronics AME40 Datasheet HTML 3Page - Analog Microelectronics AME40 Datasheet HTML 4Page - Analog Microelectronics AME40 Datasheet HTML 5Page - Analog Microelectronics AME40 Datasheet HTML 6Page - Analog Microelectronics AME40 Datasheet HTML 7Page - Analog Microelectronics AME40 Datasheet HTML 8Page - Analog Microelectronics AME40 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AME
3
AME40
Shunt Bandgap Voltage Reference
Rev.G.03
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Accuracy
Special Feature1
AME40
x x x x x - x
Special Feature2
Package Lead Pitch
A: 0.5%
E: -40OC to +85OC
A: TO-92
A: 8
Z: Lead Free
N/A:
Taping
5.08mm
E: SOT-2X
S: 2
1:
Bulk
2.54mm
(SOP-8)
H: SOP
T: 3
(TO-92-2)
(TO-92-3)
(SOT-23)
Special Feature2
(For TO-92 Package Only)
Special
Feature1
Accuracy
Operating Ambient
Temperature
Range
Package
Type
Number
of
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com